Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSC3000 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMSC3000
Description  3.5mm Thru Calibration Kit Component for General Purpose Up to 26.5 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSC3000 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMSC3000 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSC3000 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSC3000 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSC3000 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSC3000 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 4 of 5
FMSC3000 Return Loss
Span: 26.5 GHz
Compliance Certifications (visit www.FairviewMicrowave.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/16/2014
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
3.5mm Thru Calibration Kit Component for General Purpose Up to 26.5 GHz from Fairview Microwave is in-stock and
available to ship same-day. All of our RF/microwave products are available off-the-shelf from our ISO 9001:2008 certified
facilities in Allen, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: 3.5mm Thru Calibration Kit Component for General
Purpose Up to 26.5 GHz FMSC3000
URL: http://www.fairviewmicrowave.com/50ohm-3.5mm-calibration-kit-component-thru-26.5-ghz-fmsc3000-p.aspx
FMSC3000
DATA SHEET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com