Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCL04RUAH1B Datasheet (PDF) - Optronics International

MCL04RUAH1B Datasheet PDF - Optronics International
Part # MCL04RUAH1B
Download  MCL04RUAH1B Download
File Size   244.96 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED Mini Sealed Horizontal-Vertical Marker/Clearance Lights

MCL04RUAH1B Datasheet (PDF)

Go To PDF Page Download Datasheet
MCL04RUAH1B Datasheet PDF - Optronics International

Part # MCL04RUAH1B
Download  MCL04RUAH1B Click to download

File Size   244.96 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED Mini Sealed Horizontal-Vertical Marker/Clearance Lights

MCL04RUAH1B Datasheet (HTML) - Optronics International


MCL04RUAH1B Product details

Sealed, waterproof design
PC rated: fulfills requirement for marker and clearance light when properly mounted
Surface mount installation at either horizontal or vertical
Two-wire design includes both lead and ground wire for mounting to all surfaces
Single wire design grounds through mounting hardware
Available in red, yellow, and clear lens
Available in bulk and polypack packaging
Lifetime LED Warranty




Similar Part No. - MCL04RUAH1B

ManufacturerPart #DatasheetDescription
logo
Optronics International
MCL001 OPTRONICS-MCL001 Datasheet
191Kb / 1P
LED 2" Round Sealed Flange Mount Marker/Clearance Light with Reflex
MCL001AXHWB OPTRONICS-MCL001AXHWB Datasheet
191Kb / 1P
LED 2" Round Sealed Flange Mount Marker/Clearance Light with Reflex
MCL001AXMB OPTRONICS-MCL001AXMB Datasheet
191Kb / 1P
LED 2" Round Sealed Flange Mount Marker/Clearance Light with Reflex
MCL001RXHWB OPTRONICS-MCL001RXHWB Datasheet
191Kb / 1P
LED 2" Round Sealed Flange Mount Marker/Clearance Light with Reflex
MCL001RXMB OPTRONICS-MCL001RXMB Datasheet
191Kb / 1P
LED 2" Round Sealed Flange Mount Marker/Clearance Light with Reflex
More results


Similar Description - MCL04RUAH1B

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
Astrolite LED Indicator Lights
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
TM4-RR-13T-13 DIALIGHT-TM4-RR-13T-13 Datasheet
106Kb / 1P
Tactical 45 Degree Marker Lights
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
List of Unclassifed Man...
STR1060005CE01 ETC2-STR1060005CE01 Datasheet
364Kb / 7P
3527 LED Strip Lights
STR1230165CG01 ETC2-STR1230165CG01 Datasheet
1Mb / 7P
5050 LED Strip Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com