Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT3410LB Datasheet (PDF) - Aerosemi Technology Co., Ltd

MT3410LB Datasheet PDF - Aerosemi Technology Co., Ltd
Part # MT3410LB
Download  MT3410LB Download
File Size   505.77 Kbytes
Page   7 Pages
Manufacturer  AEROSEMI [Aerosemi Technology Co., Ltd]
Direct Link  https://www.aerosemi.com/
Logo AEROSEMI - Aerosemi Technology Co., Ltd
Description 1.3A,2.3V-7V Input,1.5MHz Synchronous Step-Down Converter

MT3410LB Datasheet (PDF)

Go To PDF Page Download Datasheet
MT3410LB Datasheet PDF - Aerosemi Technology Co., Ltd

Part # MT3410LB
Download  MT3410LB Click to download

File Size   505.77 Kbytes
Page   7 Pages
Manufacturer  AEROSEMI [Aerosemi Technology Co., Ltd]
Direct Link  https://www.aerosemi.com/
Logo AEROSEMI - Aerosemi Technology Co., Ltd
Description 1.3A,2.3V-7V Input,1.5MHz Synchronous Step-Down Converter

MT3410LB Datasheet (HTML) - Aerosemi Technology Co., Ltd


MT3410LB Product details

FEATURES
⚫ High Efficiency: Up to 96%
⚫ 1.5MHz Constant Frequency Operation
⚫ 1.3A Output Current
⚫ No Schottky Diode Required
⚫ 2.3V to 7V Input Voltage Range
⚫ Output Voltage as Low as 0.6V
⚫ PFM Mode for High Efficiency in Light Load
⚫ 100% Duty Cycle in Dropout Operation
⚫ Low Quiescent Current: 35μA
⚫ Slope Compensated Current Mode Control for
Excellent Line and Load Transient Response
⚫ Short Circuit Protection
⚫ Thermal Fault Protection
⚫ Inrush Current Limit and Soft Start
⚫ <1μA Shutdown Current
⚫ SOT23-5 package

APPLICATIONS
⚫ Cellular and Smart Phones
⚫ Wireless and DSL Modems
⚫ PDAs
⚫ Portable Instruments
⚫ Digital Still and Video Cameras
⚫ Set Top Box

GENERAL DESCRIPTION
The MT3410LB is high-efficiency,high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 1.3A output
currents.The MT3410LB can operate over a wide
input voltage range from 2.3V to 7V and integrates
main switch and synchronous switch with very
low RDS(ON) to minimize the conduction loss.
It is ideal for powering portable equipment that
runs from a single cell Lithium-Ion(Li+)
battery.The output voltage can be regulated as low
as 0.6V.The MT3410LB can also run at 100% duty
cycle for low dropout operation,extending battery
life in portable system.This device offers two
operation modes,PWM mode and PFM mode
switching control,which allows a high efficiency
over the wide range of the load.
The MT3410LB is offered in a low profile 5-pin
SOT package,and is available in an adjustable
version.




Similar Part No. - MT3410LB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT3410L ETC-MT3410L Datasheet
342Kb / 8P
1.3A,2.3V-6V Input,1.5MHz Synchronous Step-Down Converter
Rev1.0
More results


Similar Description - MT3410LB

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE721B ACE-ACE721B Datasheet
740Kb / 8P
1.3A 1.4MHz Synchronous Step-Down Converter
VER 1.2
logo
Monolithic Power System...
MP28275 MPS-MP28275 Datasheet
407Kb / 14P
7V, 5A, 1.1MHz Synchronous Step-down Converter
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
FT440 ETC2-FT440 Datasheet
245Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
SHOUDING Shouding Semic...
SD6411 SHOUDING-SD6411 Datasheet
364Kb / 7P
1.5MHz, 1.3A Synchronous Step-Down Converter
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
List of Unclassifed Man...
LC3406 ETC-LC3406 Datasheet
545Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
MT3410L ETC-MT3410L Datasheet
342Kb / 8P
1.3A,2.3V-6V Input,1.5MHz Synchronous Step-Down Converter
Rev1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com