Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO6404 Datasheet (PDF) - Alpha & Omega Semiconductors

AO6404 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO6404
Download  AO6404 Download
File Size   175.17 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AO6404 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO6404 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO6404
Download  AO6404 Click to download

File Size   175.17 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AO6404 Datasheet (HTML) - Alpha & Omega Semiconductors


AO6404 Product details

General Description
• The AO6404 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 1.8V while
retaining a 12V VGS(MAX) rating.
• RoHS and Halogen-Free Compliant




Similar Part No. - AO6404

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6404 AOSMD-AO6404 Datasheet
114Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
AO6404 AOSMD-AO6404 Datasheet
219Kb / 4P
20V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6404 KEXIN-AO6404 Datasheet
1Mb / 4P
N-Channel MOSFET
AO6404-HF KEXIN-AO6404-HF Datasheet
1Mb / 4P
N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6404L AOSMD-AO6404L Datasheet
114Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AO6404

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
20V N-Channel MOSFET
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
20V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com