Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3974 Datasheet (PDF) - Infinite Electronics International, Inc.

ST3974 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST3974
Download  ST3974 Download
File Size   453.28 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description ST3974 DATA SHEET RF Load 1 Watts To 10 GHz Gold Plated Brass SSMC Plug

ST3974 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST3974 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST3974
Download  ST3974 Click to download

File Size   453.28 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description ST3974 DATA SHEET RF Load 1 Watts To 10 GHz Gold Plated Brass SSMC Plug

ST3974 Datasheet (HTML) - Infinite Electronics International, Inc.


ST3974 Product details

Features
• DC to 10 GHz Frequency Range
• VSWR 1.3:1 Max
• Max Power 1 Watt (CW)
• SSMC Plug Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - ST3974

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST39 ETC-ST39 Datasheet
155Kb / 1P
DO-35 Case
logo
Vishay Siliconix
ST390-60T3KI VISHAY-ST390-60T3KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST390-60T3MI VISHAY-ST390-60T3MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST3917 STMICROELECTRONICS-ST3917 Datasheet
181Kb / 16P
SPEECH - TONE/PULSE DIALER - LED INDICATOR
Jul-1996
ST3917A STMICROELECTRONICS-ST3917A Datasheet
181Kb / 16P
SPEECH - TONE/PULSE DIALER - LED INDICATOR
Jul-1996
More results


Similar Description - ST3974

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6035 PASTERNACK-PE6035 Datasheet
236Kb / 2P
50 Ohm 10 Watts Brass N Male RF Load Up To 18 GHz
PE6151 PASTERNACK-PE6151 Datasheet
203Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 8 GHz
PE6199 PASTERNACK-PE6199 Datasheet
238Kb / 2P
50 Ohm 1 Watts Gold Plated Brass MMCX Male RF Load Up To 6 GHz
PE6243 PASTERNACK-PE6243 Datasheet
308Kb / 2P
Low Power 1 Watts RF Load Up To 10 GHz With SSMC Male Input
PE6149 PASTERNACK-PE6149_13 Datasheet
204Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz
PE6150 PASTERNACK-PE6150_16 Datasheet
417Kb / 3P
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PE6151 PASTERNACK-PE6151_16 Datasheet
418Kb / 3P
1 Watt RF Load Up to 8 GHz With SMA Male Input Gold Plated Brass
PE6160 PASTERNACK-PE6160_16 Datasheet
440Kb / 4P
1 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Brass
PE6199 PASTERNACK-PE6199_16 Datasheet
419Kb / 3P
1 Watt RF Load Up to 6 GHz With MMCX Male Input Gold Plated Brass
PE6243 PASTERNACK-PE6243_16 Datasheet
429Kb / 3P
1 Watt RF Load Up to 10 GHz With SSMC Plug Input Gold Plated Brass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com