Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6243 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6243 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6243
Download  PE6243 Download
File Size   308.51 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Low Power 1 Watts RF Load Up To 10 GHz With SSMC Male Input

PE6243 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6243 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6243
Download  PE6243 Click to download

File Size   308.51 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Low Power 1 Watts RF Load Up To 10 GHz With SSMC Male Input

PE6243 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE6243

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6243 PASTERNACK-PE6243 Datasheet
429Kb / 3P
1 Watt RF Load Up to 10 GHz With SSMC Plug Input Gold Plated Brass
PE6243 PASTERNACK-PE6243_16 Datasheet
429Kb / 3P
1 Watt RF Load Up to 10 GHz With SSMC Plug Input Gold Plated Brass
More results


Similar Description - PE6243

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6205 PASTERNACK-PE6205 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz With N Male INPUT
PE6207 PASTERNACK-PE6207 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz With TNC Male Input
PE6209 PASTERNACK-PE6209 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 8 GHz With 7/16 DIN Male Input
PE6235 PASTERNACK-PE6235 Datasheet
317Kb / 2P
Low Power 1 Watts RF Load Up To 65 GHz
PE6236 PASTERNACK-PE6236 Datasheet
320Kb / 2P
Low Power 1 Watts RF Load With Chain Up To 65 GHz
PE6188 PASTERNACK-PE6188 Datasheet
203Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With N Male
PE6198 PASTERNACK-PE6198 Datasheet
201Kb / 3P
Medium Power 50 Watts RF Load Up To 12.4 GHz With N Male Input Square Body
PE6242 PASTERNACK-PE6242 Datasheet
328Kb / 2P
Low Power 2 Watts RF Load Up To 50 GHz With 2.4mm Male Input
PE6248 PASTERNACK-PE6248 Datasheet
310Kb / 2P
Low Power 2 Watts RF Load Up To 6 GHz With N Male Input
PE6243 PASTERNACK-PE6243_16 Datasheet
429Kb / 3P
1 Watt RF Load Up to 10 GHz With SSMC Plug Input Gold Plated Brass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com