Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6235 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6235 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6235
Download  PE6235 Download
File Size   317.26 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Low Power 1 Watts RF Load Up To 65 GHz

PE6235 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6235 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6235
Download  PE6235 Click to download

File Size   317.26 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Low Power 1 Watts RF Load Up To 65 GHz

PE6235 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE6235

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6235 PASTERNACK-PE6235 Datasheet
439Kb / 4P
1 Watt RF Load Up to 65 GHz With 1.85mm Male Input Passivated Stainless Steel
PE6235 PASTERNACK-PE6235_16 Datasheet
439Kb / 4P
1 Watt RF Load Up to 65 GHz With 1.85mm Male Input Passivated Stainless Steel
More results


Similar Description - PE6235

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6803 PASTERNACK-PE6803 Datasheet
207Kb / 2P
1 Watts WR-51 RF Load Up To 18 GHz
PE6812 PASTERNACK-PE6812 Datasheet
207Kb / 2P
1 Watts Precision WR-51 RF Load Up To 22 GHz
PE6203 PASTERNACK-PE6203 Datasheet
249Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz
PE6213 PASTERNACK-PE6213 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6214 PASTERNACK-PE6214 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6221 PASTERNACK-PE6221 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6236 PASTERNACK-PE6236 Datasheet
320Kb / 2P
Low Power 1 Watts RF Load With Chain Up To 65 GHz
PE6243 PASTERNACK-PE6243 Datasheet
308Kb / 2P
Low Power 1 Watts RF Load Up To 10 GHz With SSMC Male Input
PE6137 PASTERNACK-PE6137_14 Datasheet
212Kb / 3P
High Power 100 Watts RF Load Up To 2 GHz
PE6169 PASTERNACK-PE6169 Datasheet
178Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com