Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP6518C Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP6518C Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP6518C
Download  IP6518C Download
File Size   777.83 Kbytes
Page   12 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description SOC Output 45W Power with Type Output Standards

IP6518C Datasheet (PDF)

Go To PDF Page Download Datasheet
IP6518C Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP6518C
Download  IP6518C Click to download

File Size   777.83 Kbytes
Page   12 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description SOC Output 45W Power with Type Output Standards

IP6518C Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP6518C Product details

Features
 Synchronized Switch Regulator
 Built in power MOSFET
 Input voltage range: 10.5V~32V
 Output voltage range: 3V~20V, adjust along
with fast charge negotiation
 Output power: up to 4 5W ( 3V@3.6A ,
5V@3.4A , 9V@3A, 12V@3A, 15V@2.3A ,
20V@2.3A
 Output voltage line compensate: 50 mV/A
 Output CV/CC characteristic: CV output
current lower than preset value; CC output
current higher than preset value
 Conversion e fficiency: up to 97%
 Soft start function
 Support Type C output and USB PD protocol
 Support 5V, 9V, 12V, 15V, 20V PD output
 Fast charge output
 Support BC1.2, Apple, Samsung
 Support Qualcomm QC2.0, QC3.0
(Certificate No.: 4787930010 2)
 Support MTK PE+1.1 and MTK PE+2.0
 Support Huawei Fast charge: FCP and SCP
 Support Samsung fast charge : AFC
 Support Spreadtrum fast charge : SFCP
 Multi protection and high reliability
 Input overvoltage, input under voltage,
output short circuit, output overcurrent
protection
 Whole system over temperature protection
 ESD 4KV, DC voltage withstand 48V
 Package: 4*4mm QFN24

Applications
 Car Charger
 Fast Charge Adaptor
 Smart Power Strip

Description
IP6518 is a synchronized switch buck regulator
and support 13 fast charge output standards, support
Type C and PD output, providing solutions for car
charger, fast charge adaptor and smart power strip.
IP6518 has built
in power MOSFET, input voltage
range is 10.5V to 32V, output voltage ranges from 3V
to 20V, and supply up to 45 W output power; support
voltage and current auto adjust according to the fast
charge standard. Typical output voltage and current
including: 3V@3.6A , 5V@3.4A , 7V@3A, 9V@3A,
12V@3A, 15V@2.3A , 20V@2.3A . Power conversion
efficiency is up to 97%.
IP6518 suppor
t CV/CC output, when the output
current is lower than the preset value, it is in CV
mode with a constant output voltage; when the
output current is higher than the preset value, it
enters CC mode with a lower output voltage.
IP6518 output voltage support l
ine compensate,
the output voltage will be increased along with an
increased current, providing compensation on the
voltage drop introduced by the wire resistance.
IP6518 support soft start, providing resistibility
on the large inrush current during circui t start up.
IP6518 support Type
C output and integrate
several fast charge standards, CC1/CC2 or DP/DM
support auto distinguish on the fast charge of the
accessed devices, and IP6518 will adjust the output
voltage and current according to the fast charge
s tandard automatically. Supported fast charge
standards including: DCP (Apple, Samsung and BC1.2),
Qualcomm QC2.0/QC3.0, MTK PE+1.1/PE+2.0,
Huawei FCP/SCP, Spreadtrum SFCP, USB PD.
IP6518 support multi
protection on input
overvoltage and under voltage, out put overcurrent,
overvoltage, under voltage and short circuit.




Similar Part No. - IP6518C

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP6518C INJOINIC-IP6518C Datasheet
612Kb / 10P
Output 2.4A/3.1A, integrated SOC IC for DCP output protocol
IP6518C INJOINIC-IP6518C Datasheet
757Kb / 11P
Maximum output 24 W, integrated with various fast charge output protocols
IP6518C INJOINIC-IP6518C Datasheet
799Kb / 12P
Maximum output 45W, integrated Type-C PD output and various fast charge output protocols
IP6518C INJOINIC-IP6518C Datasheet
633Kb / 11P
24W Max Synchronous Rectified Buck Converter for DCP/QC2.0/QC3.0/FCP/ SCP/ AFC/SFCP
V1.4.1
More results


Similar Description - IP6518C

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
45W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-45 MEANWELL-MPS-45 Datasheet
302Kb / 2P
45W Single Output Medical Type
MPT-45 MEANWELL-MPT-45 Datasheet
303Kb / 2P
45W Triple Output Medical Type
PT-4503 MEANWELL-PT-4503 Datasheet
162Kb / 2P
45W Triple Output with 3.3V output
MPS-45 MEANWELL-MPS-45_11 Datasheet
305Kb / 2P
45W Single Output Medical Type
PT-4503 MEANWELL-PT-4503_11 Datasheet
165Kb / 2P
45W Triple Output with 3.3V output
MPS-45_1112 MEANWELL-MPS-45_1112 Datasheet
321Kb / 2P
45W Single Output Medical Type
MPD-45_1112 MEANWELL-MPD-45_1112 Datasheet
318Kb / 2P
45W Dual Output Medical Type
RPS-45 MEANWELL-RPS-45 Datasheet
102Kb / 4P
45W Single Output Medical Type
logo
DIWELL Electronics Co.,...
IRM-45 DIWELL-IRM-45 Datasheet
74Kb / 2P
45W Single Output Encapsulated Type
2015-03-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com