Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8SLVS1118 Datasheet (PDF) - Renesas Technology Corp

8SLVS1118 Datasheet PDF - Renesas Technology Corp
Part # 8SLVS1118
Download  8SLVS1118 Download
File Size   746.32 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer

8SLVS1118 Datasheet (PDF)

Go To PDF Page Download Datasheet
8SLVS1118 Datasheet PDF - Renesas Technology Corp

Part # 8SLVS1118
Download  8SLVS1118 Click to download

File Size   746.32 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer

8SLVS1118 Datasheet (HTML) - Renesas Technology Corp


8SLVS1118 Product details

▪ 1:18, low skew, low additive jitter LVPECL/LVDS fanout buffer
▪ Low power consumption
▪ Differential PCLK, nPCLK clock pair accepts the following
differential/single-ended input levels: LVDS, LVPECL, and
LVCMOS
▪ Maximum input clock frequency: 2GHz
▪ Propagation delay: 290ps (typical)
▪ Output skew: 40ps (typical)
▪ Low additive phase jitter, RMS: 39fs (typical),
Integration Range: 12kHz – 20MHz,
(fREF  156.25MHz, VPP  1V, VDD  3.3V)
▪ Full 2.5V and 3.3V supply voltage modes
▪ Device current consumption: 180mA (typical) IEE for LVPECL
output mode, 400mA (typical) IDD for LVDS output mode
▪ 48-VFQFPN, lead-free (RoHS 6) packaging
▪ Transistor count: 1762
▪ -40°C to +85°C ambient operating temperature
▪ Supports case temperature up to 105°C




Similar Part No. - 8SLVS1118

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVS1118 IDT-8SLVS1118 Datasheet
555Kb / 24P
LVDS/ LVPECL Fanout Buffer
logo
Renesas Technology Corp
8SLVS1118 RENESAS-8SLVS1118 Datasheet
774Kb / 21P
1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer
January 15, 2019
logo
Integrated Device Techn...
8SLVS1118NLGI IDT-8SLVS1118NLGI Datasheet
555Kb / 24P
LVDS/ LVPECL Fanout Buffer
logo
Renesas Technology Corp
8SLVS1118NLGI RENESAS-8SLVS1118NLGI Datasheet
774Kb / 21P
1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer
January 15, 2019
8SLVS1118NLGI/W RENESAS-8SLVS1118NLGI/W Datasheet
774Kb / 21P
1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer
January 15, 2019
More results


Similar Description - 8SLVS1118

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8T53S111I IDT-IDT8T53S111I Datasheet
501Kb / 18P
Ten low skew, low additive jitter LVPECL outputs
logo
Texas Instruments
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
logo
Microchip Technology
ZL40272 MICROCHIP-ZL40272 Datasheet
2Mb / 54P
Low-Skew, Low Additive Jitter, 12 Output HCSL/LVDS/ LVPECL Fanout Buffer with Per-Output Enable Control
09/14/21
logo
Renesas Technology Corp
8SLVS1118 RENESAS-8SLVS1118 Datasheet
774Kb / 21P
1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer
January 15, 2019
logo
Microsemi Corporation
ZL40230 MICROSEMI-ZL40230 Datasheet
2Mb / 51P
Low Skew, Low Additive Jitter 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40231 MICROSEMI-ZL40231 Datasheet
1Mb / 36P
Low Skew, Low Additive Jitter, 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40234 MICROSEMI-ZL40234 Datasheet
1Mb / 35P
Low Skew, Low Additive Jitter, 4 Output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
September 2018
ZL40235 MICROSEMI-ZL40235 Datasheet
2Mb / 50P
Low Skew, Low Additive Jitter 3 x 5 LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40260 MICROSEMI-ZL40260 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com