Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T49N240 Datasheet (PDF) - Renesas Technology Corp

8T49N240 Datasheet PDF - Renesas Technology Corp
Part # 8T49N240
Download  8T49N240 Download
File Size   2119.46 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Ultra-Performance Jitter Attenuator

8T49N240 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T49N240 Datasheet PDF - Renesas Technology Corp

Part # 8T49N240
Download  8T49N240 Click to download

File Size   2119.46 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Ultra-Performance Jitter Attenuator

8T49N240 Datasheet (HTML) - Renesas Technology Corp


8T49N240 Product details

▪ Four differential outputs
▪ Excellent jitter performance:
— < 200fs (typical) RMS (including spurs):
12kHz to 20MHz for integer-divider outputs in jitter
attenuator mode or in fractional-feedback synthesizer mode
▪ Operating Modes: Synthesizer, Jitter Attenuator
▪ Operates from a 10MHz to 54MHz fundamental-mode crystal
▪ Initial holdover accuracy of +50ppb
▪ Accepts up to two LVPECL, LVDS, LVHSTL, or LVCMOS input clocks
— Accepts frequencies ranging from 8kHz to 875MHz
— Auto and manual clock selection with hitless switching
— Clock input monitoring including support for gapped clocks
▪ Phase-slope limiting and fully hitless switching options to
control output clock phase transients
▪ Three outputs generate LVPECL / LVDS / HCSL clocks, one
output generates LVPECL / LVDS / HCSL / LVCMOS clocks




Similar Part No. - 8T49N240

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49N240 IDT-8T49N240 Datasheet
1Mb / 76P
FemtoClock NG Ultra-Performance
8T49N240 IDT-8T49N240 Datasheet
1Mb / 75P
NG Ultra-Performance Jitter Attenuator
logo
Renesas Technology Corp
8T49N240 RENESAS-8T49N240 Datasheet
2Mb / 76P
FemtoClock® NG Ultra-Performance Jitter Attenuator
January 15, 2019
logo
Integrated Device Techn...
8T49N240-001NLGI IDT-8T49N240-001NLGI Datasheet
1Mb / 75P
NG Ultra-Performance Jitter Attenuator
8T49N240-001NLGI8 IDT-8T49N240-001NLGI8 Datasheet
1Mb / 75P
NG Ultra-Performance Jitter Attenuator
More results


Similar Description - 8T49N240

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49N240 IDT-8T49N240_18 Datasheet
1Mb / 75P
NG Ultra-Performance Jitter Attenuator
logo
Renesas Technology Corp
8T49N240 RENESAS-8T49N240 Datasheet
2Mb / 76P
FemtoClock® NG Ultra-Performance Jitter Attenuator
January 15, 2019
810N322I-02 RENESAS-810N322I-02 Datasheet
681Kb / 24P
Jitter Attenuator & FemtoClock NG® Multiplier
February 25, 2016
813N252DI-02 RENESAS-813N252DI-02 Datasheet
804Kb / 24P
Jitter Attenuator & FemtoClock NG® Multiplier
08/14/15
813N252I-04 RENESAS-813N252I-04 Datasheet
727Kb / 27P
VCXO Jitter Attenuator & FemtoClock® NG Multiplier
December 11, 2015
813N2532 RENESAS-813N2532 Datasheet
885Kb / 22P
Jitter Attenuator and FemtoClock® NG Multiplier
February 3, 2023
813N2532I RENESAS-813N2532I Datasheet
751Kb / 25P
Jitter Attenuator & FemtoClock® NG Multiplier
April 11, 2016
813N322I-02 RENESAS-813N322I-02 Datasheet
728Kb / 26P
Jitter Attenuator & FemtoClock NG® Multiplier
February 26, 2016
ICS810N252I-02 RENESAS-ICS810N252I-02 Datasheet
459Kb / 22P
Jitter Attenuator & FemtoClock NG® Multiplier
MAY 31, 2013
ICS813N322-02 RENESAS-ICS813N322-02 Datasheet
875Kb / 25P
Jitter Attenuator & FemtoClock NG® Multiplier
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com