Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T49N242 Datasheet (PDF) - Renesas Technology Corp

8T49N242 Datasheet PDF - Renesas Technology Corp
Part # 8T49N242
Download  8T49N242 Download
File Size   1803.59 Kbytes
Page   66 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Universal Frequency Translator

8T49N242 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T49N242 Datasheet PDF - Renesas Technology Corp

Part # 8T49N242
Download  8T49N242 Click to download

File Size   1803.59 Kbytes
Page   66 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Universal Frequency Translator

8T49N242 Datasheet (HTML) - Renesas Technology Corp


8T49N242 Product details

•Supports SDH/SONET and Synchronous Ethernet clocks including all FEC rate conversions
•0.35ps RMS Typical Jitter (including spurs): 12kHz to 20MHz
•Operating Modes: Synthesizer, Jitter Attenuator
•Operates from a 10MHz to 50MHz fundamental-mode crystal or a 10MHz to 125MHz external oscillator
•Initial holdover accuracy of +50ppb.
•Accepts up to 2 LVPECL, LVDS, LVHSTL or LVCMOS input clocks
•Accepts frequencies ranging from 8kHz to 875MHz
•Auto and manual clock selection with hitless switching
•Clock input monitoring including support for gapped clocks
•Phase-slope limiting and fully hitless switching options to control output clock phase transients
•Generates four LVPECL / LVDS / HCSL or eight LVCMOS output clocks
•Output frequencies ranging from 8kHz up to 1.0GHz (differential)
•Output frequencies ranging from 8kHz to 250MHz (LVCMOS)
•Integer divider ranging from ÷4 to ÷786,420 for each output
•Programmable loop bandwidth settings from 0.2Hz to 6.4kHz
•Optional fast-lock function
•Four General Purpose I/O pins with optional support for status & control:
•Two Output Enable control inputs provide control over the four clocks
•Manual clock selection control input




Similar Part No. - 8T49N242

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
8T49N242 ICST-8T49N242 Datasheet
1Mb / 65P
Open-drain Interrupt pin
REVISION 2
logo
Integrated Device Techn...
8T49N242 IDT-8T49N242 Datasheet
1Mb / 65P
Auto and manual clock selection with hitless switching
8T49N242 IDT-8T49N242 Datasheet
1Mb / 66P
NG Universal Frequency Translator
logo
Renesas Technology Corp
8T49N242 RENESAS-8T49N242 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
January 16, 2019
logo
Integrated Device Techn...
8T49N242-000NLGI IDT-8T49N242-000NLGI Datasheet
1Mb / 63P
FemtoClock NG Universal Frequency Translator
More results


Similar Description - 8T49N242

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T49N241 RENESAS-8T49N241 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
March 5, 2019
8T49N242 RENESAS-8T49N242 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
January 16, 2019
8T49N282 RENESAS-8T49N282 Datasheet
1Mb / 76P
FemtoClock® NG Octal Universal Frequency Translator
January 28, 2019
8T49N285 RENESAS-8T49N285 Datasheet
1Mb / 68P
FemtoClock® NG Octal Universal Frequency Translator
March 8, 2021
849N202 RENESAS-849N202 Datasheet
1Mb / 41P
FemtoClock® NG Universal Frequency Translator
May 20, 2016
ICS840N202I RENESAS-ICS840N202I Datasheet
684Kb / 32P
FemtoClock® NG Universal Frequency Translator
NOVEMBER 1, 2013
IDT8T49N203I RENESAS-IDT8T49N203I Datasheet
1Mb / 41P
FemtoClock® NG Universal Frequency Translator
OCTOBER 9, 2012
IDT8T49N105I RENESAS-IDT8T49N105I Datasheet
1Mb / 39P
FemtoClock® NG Universal Frequency Translator
2019
IDT8T49N222I RENESAS-IDT8T49N222I Datasheet
896Kb / 41P
FemtoClock® NG Universal Frequency Translator
2019
ICS849N212I RENESAS-ICS849N212I Datasheet
943Kb / 39P
FemtoClock® NG Universal Frequency Translator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com