Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V97003 Datasheet (PDF) - Renesas Technology Corp

8V97003 Datasheet PDF - Renesas Technology Corp
Part # 8V97003
Download  8V97003 Download
File Size   2064.45 Kbytes
Page   65 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO

8V97003 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V97003 Datasheet PDF - Renesas Technology Corp

Part # 8V97003
Download  8V97003 Click to download

File Size   2064.45 Kbytes
Page   65 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO

8V97003 Datasheet (HTML) - Renesas Technology Corp


8V97003 Product details

▪ Output frequency range: 171.875MHz to 18GHz
▪ Ultra-low phase noise VCO
• -60.6dBc integrated phase jitter (35fs rms jitter) from 20kHz
to 100MHz at 6GHz
▪ Figure of Merit: -236dBc/Hz
▪ Input reference frequency:
• 10MHz to 1.6GHz (LVPECL, LVDS)
• 10MHz to 250MHz (LVCMOS)
▪ Fractional-N synthesizer and integer-N synthesizer
▪ 32-bit of fractional and modulus resolution
▪ Phase frequency detector (PFD) operation up to 500MHz
(Integer mode) or 250MHz (Fractional mode)
▪ Programmable RF output power levels
▪ RF output power < -80dBm when in MUTE
▪ Programmable input multiplier (MULT) to increase PFD
frequency when using a low input frequency
▪ -40°C to +95°C ambient temperature range; and up to +105°C
board temperature
▪ 3.3V single power supply operation
▪ 7 7 mm 48-VFQFPN package
▪ SPI interface is compatible with 1.8V logic and tolerant to 3.3V
▪ Supported in the Timing CommanderTM design tool




Similar Part No. - 8V97003

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V97003 RENESAS-8V97003 Datasheet
2Mb / 65P
171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO
8V97003 RENESAS-8V97003 Datasheet
1Mb / 66P
171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO
April 8, 2021
8V97003 RENESAS-8V97003 Datasheet
2Mb / 65P
171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO
February 24, 2025
8V97003NLGI RENESAS-8V97003NLGI Datasheet
2Mb / 65P
171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO
8V97003NLGI RENESAS-8V97003NLGI Datasheet
1Mb / 66P
171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO
April 8, 2021
More results


Similar Description - 8V97003

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
Wideband Synthesizer with Integrated VCO
REV. 0
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
Wideband Synthesizer with Integrated VCO
1/2017-Rev. 0 to Rev. A
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF4350 AD-ADF4350_16 Datasheet
815Kb / 34P
Wideband Synthesizer with Integrated VCO
5/16-Rev. A to Rev. B
logo
Renesas Technology Corp
8V97003 RENESAS-8V97003 Datasheet
2Mb / 65P
171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO
8V97003 RENESAS-8V97003_V01 Datasheet
1Mb / 66P
171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO
April 8, 2021
logo
Analog Devices
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com