Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V97051L Datasheet (PDF) - Renesas Technology Corp

8V97051L Datasheet PDF - Renesas Technology Corp
Part # 8V97051L
Download  8V97051L Download
File Size   1951.82 Kbytes
Page   56 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Wideband Fractional RF Synthesizer / PLL

8V97051L Datasheet (PDF)

Go To PDF Page Download Datasheet
8V97051L Datasheet PDF - Renesas Technology Corp

Part # 8V97051L
Download  8V97051L Click to download

File Size   1951.82 Kbytes
Page   56 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Wideband Fractional RF Synthesizer / PLL

8V97051L Datasheet (HTML) - Renesas Technology Corp


8V97051L Product details

• Dual Differential Outputs
• Output frequency range: 34.375MHz to 4400MHz (continuous range)
• RF Output Divide by 1, 2, 4, 8, 16, 32, 64
• Open Drain Outputs (see Output Distribution Section)
• Fractional-N synthesizer (also supports Integer-N mode)
• 16-bit integer and 12-bit fractional
(16-bit fractional when using the extended registers)
• 3- or 4-wire SPI interface (compatible with 3.3V and 1.8V)
• Single 3.3V supply
• Logic compatibility: 1.8V
• Integrated high performance low dropout regulators (LDOs) for
excellent power supply noise rejection
• Programmable output power level: -4dBm to +5dBm
(up to +7 when using the extended registers)
• Mute Function
• Ultra low PN for 1.1GHz LO: -143dBc/Hz at 1MHz Offset, (typical)
• Lock Detect Indicators
• Input Reference frequency: 5MHz to 310MHz
• Power Consumption: 380mW (typical) (RF_OUTB disabled)
• 32-Lead, 5x5 VFQFN package
• Automatic VCO band selection (Autocal feature)
• -40°C to +85°C ambient operating temperature
• Supports case temperature  105°C operations
• Lead-free (RoHS 6) packaging




Similar Part No. - 8V97051L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V97051L IDT-8V97051L Datasheet
1,010Kb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L IDT-8V97051L Datasheet
817Kb / 56P
Low Power Wideband Fract ional RF Synthesizer / PLL
logo
Renesas Technology Corp
8V97051L RENESAS-8V97051L Datasheet
1Mb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L RENESAS-8V97051L Datasheet
1Mb / 56P
Low Power Wideband Fractional RF Synthesizer / PLL
January 31, 2023
logo
Integrated Device Techn...
8V97051LNLGI IDT-8V97051LNLGI Datasheet
1,010Kb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
More results


Similar Description - 8V97051L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V97051 IDT-8V97051_16 Datasheet
987Kb / 56P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053 IDT-8V97053 Datasheet
1Mb / 58P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053L IDT-8V97053L Datasheet
1Mb / 68P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051 IDT-8V97051_17 Datasheet
987Kb / 55P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L IDT-8V97051L Datasheet
1,010Kb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
Renesas Technology Corp
8V97051A RENESAS-8V97051A Datasheet
1Mb / 58P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L RENESAS-8V97051L Datasheet
1Mb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053L RENESAS-8V97053L Datasheet
1Mb / 67P
Low Power Wideband Fractional RF Synthesizer / PLL?
8V97051 RENESAS-8V97051 Datasheet
1Mb / 55P
Low Power Wideband Fractional RF Synthesizer / PLL
February 3, 2023
8V97053 RENESAS-8V97053 Datasheet
2Mb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
February 2, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com