Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBI6663 Datasheet (PDF) - MACROBLOCK, INC.

MBI6663 Datasheet PDF - MACROBLOCK, INC.
Part # MBI6663
Download  MBI6663 Download
File Size   379.78 Kbytes
Page   17 Pages
Manufacturer  MACROBLOCK [MACROBLOCK, INC.]
Direct Link  https://www.mblock.com.tw/en
Logo MACROBLOCK - MACROBLOCK, INC.
Description Step-Down, 1A Dimmable LED Driver

MBI6663 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBI6663 Datasheet PDF - MACROBLOCK, INC.

Part # MBI6663
Download  MBI6663 Click to download

File Size   379.78 Kbytes
Page   17 Pages
Manufacturer  MACROBLOCK [MACROBLOCK, INC.]
Direct Link  https://www.mblock.com.tw/en
Logo MACROBLOCK - MACROBLOCK, INC.
Description Step-Down, 1A Dimmable LED Driver

MBI6663 Datasheet (HTML) - MACROBLOCK, INC.


MBI6663 Product details

Features
6~65V wide input voltage range
Maximum 1A constant output current
PWM/DC input for dimming control
Hysteretic PFM operation eliminates external compensation design
Integrated power switch with 0.3ohm low Rds(on)
Full protections: UVLO/ Start-Up/ OCP/ Thermal/
LED Open/Short-Circuit
Only 5 external components required
Package MSL Level : 3

Product Description
MBI6663 is a step-down constant-current high-brightness LED driver to
provide a cost-effective design solution for interior/exterior illumination
applications. It is designed to deliver constant current to light up high
power LED with only 5 external components. With hysteretic PFM control
scheme, MBI6663 eliminates external compensation design and makes
the design simple.
The output current of MBI6663 can be programmed by an external resistor and dimmed via pulse width
modulation (PWM) or DC voltage through DIM pin to achieve higher efficiency linear current modulation.
MBI6663 features completed protection design to handle faulty situations. The start-up function limits the inrush
current while the power is switched on. Under voltage lock out (UVLO), over temperature protection (OTP), and
over current protection (OCP) guard the system to be robust and keep the driver away from being damaged which
results from LED open-circuited, short-circuited and other abnormal events. MBI6663 provides thermal-enhanced
SOP-8 and TO-252 packages to handle power dissipation more efficiently.

Applications
 Signage and Decorative LED Lighting
 High Power LED Lighting
 Constant Current Source




Similar Part No. - MBI6663

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI6650 ETC2-MBI6650 Datasheet
491Kb / 15P
1.2A DC/DC Converter
MBI6650PSD ETC2-MBI6650PSD Datasheet
491Kb / 15P
1.2A DC/DC Converter
More results


Similar Description - MBI6663

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
Step-Down 1A LED Driver
logo
Diodes Incorporated
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
1A LED Step-Down Converter
AP8802 Rev. 1
logo
Taiwan Semiconductor Co...
TS19376 TSC-TS19376 Datasheet
152Kb / 8P
1A Step-down High Brightness LED Driver
logo
Linear Technology
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
Step-Down 1A LED Driver
logo
Diodes Incorporated
AL8862 DIODES-AL8862 Datasheet
489Kb / 16P
60V 1A STEP-DOWN LED DRIVER
Rev 1
logo
Bookly Micro electronic
BM4115 BOOKLY-BM4115 Datasheet
1Mb / 8P
Step-Down Dimmable LED Driver
logo
Shenzhen Huazhimei Semi...
HM4115 HMSEMI-HM4115 Datasheet
478Kb / 7P
1A, Step-down High Brightness LED Driver
HM2801 HMSEMI-HM2801 Datasheet
1Mb / 12P
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
HM2802 HMSEMI-HM2802 Datasheet
1Mb / 12P
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com