Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8802 Datasheet (PDF) - Diodes Incorporated

AP8802 Datasheet PDF - Diodes Incorporated
Part # AP8802
Download  AP8802 Download
File Size   217.88 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A LED Step-Down Converter

AP8802 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8802 Datasheet PDF - Diodes Incorporated

Part # AP8802
Download  AP8802 Click to download

File Size   217.88 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A LED Step-Down Converter

AP8802 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - AP8802

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8802 DIODES-AP8802 Datasheet
235Kb / 16P
1A LED Step-down Converter
AP8802 Rev. 5
AP8802 DIODES-AP8802 Datasheet
216Kb / 8P
step-down DC/DC converter designed to drive LEDs with a constant current.
AUGUST 2009
AP8802EV2 DIODES-AP8802EV2 Datasheet
216Kb / 8P
step-down DC/DC converter designed to drive LEDs with a constant current.
AUGUST 2009
AP8802FNG-7 DIODES-AP8802FNG-7 Datasheet
235Kb / 16P
1A LED Step-down Converter
AP8802 Rev. 5
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
More results


Similar Description - AP8802

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
Step-Down 1A LED Driver
logo
Diodes Incorporated
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
AP8802_0912 DIODES-AP8802_0912 Datasheet
235Kb / 16P
1A LED Step-down Converter
AP8802 Rev. 5
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
3MHz 1A Step-Down Converter
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
3MHz 1A Step-Down Converter
logo
Linear Technology
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
Step-Down 1A LED Driver
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
1A, 1.5MHz Step-Down Converter
VER 1.3
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com