Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1812 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM1812 Datasheet PDF - National Semiconductor (TI)
Part # LM1812
Download  LM1812 Download
File Size   179.48 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Ultrasonic Transceiver

LM1812 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1812 Datasheet PDF - National Semiconductor (TI)

Part # LM1812
Download  LM1812 Click to download

File Size   179.48 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Ultrasonic Transceiver

LM1812 Datasheet (HTML) - National Semiconductor (TI)


LM1812 Product details

General Description
The LM1812 is a general purpose ultrasonic transceiver designed
for use in a variety of ranging, sensing, and communications
applications. The chip contains a pulse-modulated
class C transmitter, a high gain receiver, a pulse modulation
detector, and noise rejection circuitry.
A single LC network defines the operating frequency for
both the transmitter and receiver. The class C transmitter
output drives up to 1A (12W) peak at frequencies up to
325 kHz. The externally programmed receiver gain provides
detection sensitivity of 200 mVp-p. Detection circuitry included
on-chip is capable of rejecting impulse noise with
external programming. The detector output sinks up to 1A.
Applications include sonar systems, non-contact ranging,
and acoustical data links, in both liquid and gas ambients.

Features
One or two-transducer operation
Transducers interchangeable without realignment
Y No external transistors
Y Impulse noise rejection
Y No heat sinking
Y Protection circuitry included
Y Detector output drives 1A peak load
Y Ranges in excess of 100 feet in water, 20 feet in air
Y 12W peak transmit power

Applications
Y Liquid level measurement
Y Sonar
Y Surface profiling
Y Data links
Y Hydroacoustic communications
Y Non-contact sensing
Y Industrial process control




Similar Part No. - LM1812

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1812 NSC-LM1812 Datasheet
496Kb / 8P
ULTRASONIC TRANSCEIVER
More results


Similar Description - LM1812

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1812 NSC-LM1812 Datasheet
496Kb / 8P
ULTRASONIC TRANSCEIVER
logo
ELMOS Semiconductor AG
E524.02 ELMOS-E524.02 Datasheet
306Kb / 2P
DIGITAL ULTRASONIC TRANSCEIVER DRIVER AND SIGNAL PROCESSOR
E524.03 ELMOS-E524.03 Datasheet
304Kb / 2P
DIGITAL ULTRASONIC TRANSCEIVER DRIVER AND SIGNAL PROCESSOR
logo
Pepperl+Fuchs Inc.
UB2000-F42S-U-V15 PF-UB2000-F42S-U-V15 Datasheet
840Kb / 6P
Ultrasonic sensor
UB3000-F42-UK-V95 PF-UB3000-F42-UK-V95 Datasheet
829Kb / 6P
Ultrasonic sensor
UB4000-F42-E4-V15 PF-UB4000-F42-E4-V15 Datasheet
457Kb / 6P
Ultrasonic sensor
UB4000-F42-E6-V15 PF-UB4000-F42-E6-V15 Datasheet
448Kb / 6P
Ultrasonic sensor
UB4000-F42-U-V15 PF-UB4000-F42-U-V15 Datasheet
452Kb / 6P
Ultrasonic sensor
UB6000-30GM-H3-V1 PF-UB6000-30GM-H3-V1 Datasheet
482Kb / 4P
Ultrasonic sensor
UC3500-30GM70S-UE2R2-V15 PF-UC3500-30GM70S-UE2R2-V15 Datasheet
896Kb / 6P
Ultrasonic sensor
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com