Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1812 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1812
Description  Ultrasonic Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1812 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1812 Datasheet HTML 1Page - National Semiconductor (TI) LM1812 Datasheet HTML 2Page - National Semiconductor (TI) LM1812 Datasheet HTML 3Page - National Semiconductor (TI) LM1812 Datasheet HTML 4Page - National Semiconductor (TI) LM1812 Datasheet HTML 5Page - National Semiconductor (TI) LM1812 Datasheet HTML 6Page - National Semiconductor (TI) LM1812 Datasheet HTML 7Page - National Semiconductor (TI) LM1812 Datasheet HTML 8Page - National Semiconductor (TI) LM1812 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage Va (Pin 12)
18V
Power Dissipation (Note 1)
1700 mW
Peak Current (Pins 6 14)
1A
Input Current (Pins 4 8)
50 mA
Operating Temperature
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
260 C
Electrical Characteristics Va e 12V TA e 25 C unless otherwise noted
Parameter
Conditions
Min
Typ
Max
Units
Input Sensitivity (Note 2)
Figure 2
200
600
m
Vp-p
Input Noise
10
m
Vp-p
Transmitter Output VSAT
I6 e 1A
13
3
V
Transmitter Output Leakage
V6 e 36V
001
1
mA
V8 e 0V
Detector Output VSAT
I14 e 1A
15
3
V
Detector Output Leakage
V14 e 36V
001
1
mA
Transmitter Key Threshold
I8 e 1 mA
055
07
09
V
Supply Current
I1 a I12
5
85
20
mA
Receive Mode
V8 for Receive Mode
03
V
Maximum Operating Frequency
Transmit Mode
200
325
kHz
Note 1
For operating at high temperatures the LM1812 must be derated based upon a 125 C maximum junction temperature and a thermal resistance of
58 C CW which applies for the device soldered in a printed circuit board and operating in a still air ambient Due to the low duty cycle operation only a small
average power is dissipated in the package
Note 2
A 47k resistor is added in parallel with the receiver tank at pin 1 to swamp variations in the coil’s unloaded Q The resistor reduces sensitivity (see equation
4) and is unnecessary in an actual applications circuit
Test Circuit
TLH7892 – 2
fIN e 200 kHz
Input sensitivity e minimum VIN for VO to go low
FIGURE 2 Sensitivity Test Circuit
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com