Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS50 Datasheet (PDF) - STMicroelectronics

MSS50 Datasheet PDF - STMicroelectronics
Part # MSS50
Download  MSS50 Download
File Size   150.19 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BACK TO BACK SCR MODULE

MSS50 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSS50 Datasheet PDF - STMicroelectronics

Part # MSS50
Download  MSS50 Click to download

File Size   150.19 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BACK TO BACK SCR MODULE

MSS50 Datasheet (HTML) - STMicroelectronics


MSS50 Product details

DESCRIPTION
The MSS40 family are constitued of two general purpose SCR. Suitable for AC switching and phase control on resistive and inductive load up to 400 Hz.
The small volume (7cm3) and weight (29g) of the isotop package are well adapted to new generation of medium size module market applications.

FEATURES
■ VDRM = VRRM UP TO 1400 V
■ IT(RMS) = 55 A
■ HIGH SURGE CAPABILITY
■ INSULATED PACKAGE : INSULATING VOLTAGE 2500 V(RMS)




Similar Part No. - MSS50

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
MSS50 COMSET-MSS50 Datasheet
126Kb / 4P
BACK TO BACK SCR MODULE
logo
STMicroelectronics
MSS50 STMICROELECTRONICS-MSS50 Datasheet
119Kb / 7P
Back to back SCR module
11-Jul-2007
logo
M/A-COM Technology Solu...
MSS50-048-C15 MA-COM-MSS50-048-C15 Datasheet
678Kb / 5P
High Barrier Silicon Schottky Diodes
MSS50-048-P55 MA-COM-MSS50-048-P55 Datasheet
678Kb / 5P
High Barrier Silicon Schottky Diodes
MSS50-048-P86 MA-COM-MSS50-048-P86 Datasheet
678Kb / 5P
High Barrier Silicon Schottky Diodes
More results


Similar Description - MSS50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZB100A NXP-BZB100A Datasheet
61Kb / 10P
Dual back-to-back Zener diode
Rev. 01-28 January 2008
logo
Glenair, Inc.
891-005 GLENAIR-891-005 Datasheet
205Kb / 2P
Nanominiature Connectors Double Row Back-To-Back
logo
Comset Semiconductor
MSS40 COMSET-MSS40 Datasheet
126Kb / 4P
BACK TO BACK SCR MODULE
logo
STMicroelectronics
SS-401 STMICROELECTRONICS-SS-401 Datasheet
119Kb / 7P
Back to back SCR module
11-Jul-2007
logo
Glenair, Inc.
805-114 GLENAIR-805-114 Datasheet
227Kb / 1P
Mighty Mouse High-Speed Back-to-Back
891-005 GLENAIR-891-005_15 Datasheet
970Kb / 2P
Dual Row Nano Back-to-Back Connector
logo
Kersemi Electronic Co.,...
MSS40-800 KERSEMI-MSS40-800 Datasheet
459Kb / 5P
BACK TO BACK SCR MODULE
logo
Infineon Technologies A...
AUIR3241S INFINEON-AUIR3241S Datasheet
807Kb / 19P
high side Mosfet driver for back to back topology targeting back to back switch
Rev 1.01 2017-09-12
logo
Nell Semiconductor Co.,...
NST70KQ NELLSEMI-NST70KQ Datasheet
688Kb / 5P
Back to Back SCR Module
logo
NXP Semiconductors
NX30P0121UK NXP-NX30P0121UK Datasheet
483Kb / 21P
High-voltage back-to-back OVP switch
Rev. 1.0 - 19 June 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com