Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS50 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MSS50
Description  BACK TO BACK SCR MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSS50 Datasheet(HTML) 3 Page - STMicroelectronics

  MSS50 Datasheet HTML 1Page - STMicroelectronics MSS50 Datasheet HTML 2Page - STMicroelectronics MSS50 Datasheet HTML 3Page - STMicroelectronics MSS50 Datasheet HTML 4Page - STMicroelectronics MSS50 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSS40 / 50 Series
3/5
OTHER INFORMATION
Note: xxx = voltage
Part Number
Marking
Weight
Base Quantity
Packing mode
MSS40-xxx
MSS40-xxx
27.0 g
10
Tube
MSS50-xxx
MSS50-xxx
27.0 g
10
Tube
Fig. 1: Maximum power dissipation versus RMS
on-state current.
Fig. 2: RMS on-state current versus case
temperature.
Fig. 3: Relative variation of thermal impedance
junction to case versus pulse duration.
Fig. 4: Relative variation of gate trigger current,
holding current and latching current versus
junction temperature (typical values).
0
1020
304050607080
0
10
20
30
40
50
60
70
80
90
100
P(W)
α = 180°
MSS40
MSS50
180°
α
α
IT(RMS)(A)
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
IT(RMS)(A)
α =180°
MSS40
MSS50
Tcase(°C)
1E-3
1E-2
1E-1
1E+0
1E+1
0.1
0.2
0.5
1.0
K = [Zth(j-c)/Rth(j-c)]
tp(s)
-40
-20
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
IGT,IH,IL [Tj] / IGT ,IH,IL [Tj = 25 °C]
IGT
IH & IL
Tj(°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com