Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMI3252T Datasheet (PDF) - Toll Microelectronic

TMI3252T Datasheet PDF - Toll Microelectronic
Part # TMI3252T
Download  TMI3252T Download
File Size   894.0 Kbytes
Page   15 Pages
Manufacturer  TOLL [Toll Microelectronic]
Direct Link  https://en.toll-semi.com/
Logo TOLL - Toll Microelectronic
Description 600kHz 18V 2A Synchronous COT Step-Down Converter

TMI3252T Datasheet (PDF)

Go To PDF Page Download Datasheet
TMI3252T Datasheet PDF - Toll Microelectronic

Part # TMI3252T
Download  TMI3252T Click to download

File Size   894.0 Kbytes
Page   15 Pages
Manufacturer  TOLL [Toll Microelectronic]
Direct Link  https://en.toll-semi.com/
Logo TOLL - Toll Microelectronic
Description 600kHz 18V 2A Synchronous COT Step-Down Converter

TMI3252T Datasheet (HTML) - Toll Microelectronic


TMI3252T Product details

Features
⚫ 140mΩ/70mΩ Low RDS(ON) internal FETs
⚫ High Efficiency Synchronous-Mode
Operation
⚫ Wide Input Range:4.5V to 18V
⚫ Output Voltage from
0.8V(TMI3252)
0.6V(TMI3252S)
0.756(TMI3252T)
⚫ 600kHz Switch Frequency
⚫ Up to 2A Output Current
⚫ COT control to achieve fast transient
responses
⚫ Power Save Mode at Light Load
⚫ Integrated internal compensation
⚫ Stable with Low ESR Ceramic Output
Capacitors
⚫ Over Current Protection with Hiccup Mode
⚫ Thermal Shutdown
⚫ Inrush Current Limit and Soft Start
⚫ Build in Input Over Voltage Protection
⚫ Available in SOT23-6 Package

Description
The TMI3252/S/T is a high efficiency 600kHz,
Constant on-Time (COT) control mode synchronous
step-down DC-DC converter capable of delivering
up to 2A current. TMI3252/S/T integrates main
switch and synchronous switch with very low RDS(ON)
to minimize the conduction loss. Low output voltage
ripple and small external inductor and capacitor size
are achieved with 600kHz switching frequency. It
adopts the COT architecture to achieve fast transient
responses for high voltage step down applications.
The TMI3252 requires a minimum number of readily
available standard external components and is
available in a 6-pin SOT23-6 ROHS compliant
package.

Application
⚫ Digital Set Top Boxes
⚫ Flat Panel Television and Monitors
⚫ Notebook computer
⚫ Wireless and DSL Modems




Similar Part No. - TMI3252T

ManufacturerPart #DatasheetDescription
logo
Toll Microelectronic
TMI3351 TOLL-TMI3351 Datasheet
1Mb / 18P
Wide Input Range Buck Converter With Integrated Synchronous 2-Switchs
V0.4 2023.1
More results


Similar Description - TMI3252T

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2209 MPS-MP2209 Datasheet
558Kb / 12P
16V, 2A, 600kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8031 BELLING-BL8031 Datasheet
754Kb / 6P
600KHz, 16V, 2A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6460A POWER-LP6460A Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470T POWER-LP6470T Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
logo
TECH PUBLIC Electronics...
TP8204HS6 TECHPUBLIC-TP8204HS6 Datasheet
957Kb / 5P
18V 2A 600KHz Syncharonous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM2259C HMSEMI-HM2259C Datasheet
1Mb / 7P
18V 2A 600KHz Synchronous Step-Down Regulator
logo
Lowpower Semiconductor ...
LP6480 POWER-LP6480 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
logo
First Silicon Co., Ltd
FC3470DFN22 FS-FC3470DFN22 Datasheet
859Kb / 13P
600kHz, 18V, 2.0A Synchronous Step-Down Converter
logo
TECH PUBLIC Electronics...
TPMP1470GJ-Z TECHPUBLIC-TPMP1470GJ-Z Datasheet
3Mb / 5P
18V 2A 600KHz Syncharonous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com