Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMI3351 Datasheet (PDF) - Toll Microelectronic

TMI3351 Datasheet PDF - Toll Microelectronic
Part # TMI3351
Download  TMI3351 Download
File Size   1563.93 Kbytes
Page   18 Pages
Manufacturer  TOLL [Toll Microelectronic]
Direct Link  https://en.toll-semi.com/
Logo TOLL - Toll Microelectronic
Description Wide Input Range Buck Converter With Integrated Synchronous 2-Switchs

TMI3351 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMI3351 Datasheet PDF - Toll Microelectronic

Part # TMI3351
Download  TMI3351 Click to download

File Size   1563.93 Kbytes
Page   18 Pages
Manufacturer  TOLL [Toll Microelectronic]
Direct Link  https://en.toll-semi.com/
Logo TOLL - Toll Microelectronic
Description Wide Input Range Buck Converter With Integrated Synchronous 2-Switchs

TMI3351 Datasheet (HTML) - Toll Microelectronic


TMI3351 Product details

1.Features
Wide Input Voltage Range from 4V to 32V
Programmable VOUT Range from 0.8V to 30V
Peak Current Mode Control
IntegratedTwolow RdsonN-MOSFETs
Adjustable Cycle-by-Cycle Current Limit by ILIM
Adjustable Frequency: 100kHz~1MHz
External Soft-Start Limits the Input Inrush
Current
Selectable FCCM or DCM with Pulse Skipping
Cable Impedance Compensation
Low Dropout Operation with Maximum Duty
Cycle at 99.5%
Input Under-Voltage Lockout
Output OCP, SCP, OVP
Thermal Shutdown
QFN-28 Package, 5mm×5mm×0.75mm
2.Applications
USB Power Delivery Supply
Car Charger
USB Dedicated Charging Port
Type-C Docks/Adapters
Computer Peripherals




Similar Part No. - TMI3351

ManufacturerPart #DatasheetDescription
logo
Toll Microelectronic
TMI3252 TOLL-TMI3252 Datasheet
894Kb / 15P
600kHz 18V 2A Synchronous COT Step-Down Converter
Rev. 0.1 - 2019.02
TMI3252S TOLL-TMI3252S Datasheet
894Kb / 15P
600kHz 18V 2A Synchronous COT Step-Down Converter
Rev. 0.1 - 2019.02
TMI3252T TOLL-TMI3252T Datasheet
894Kb / 15P
600kHz 18V 2A Synchronous COT Step-Down Converter
Rev. 0.1 - 2019.02
More results


Similar Description - TMI3351

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3101 ONSEMI-NCP3101 Datasheet
595Kb / 18P
Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. P0
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
Wide Input Range Synchronous Buck Controller
logo
ON Semiconductor
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
logo
Texas Instruments
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
logo
uPI Group Inc.
UP1741P UPI-UP1741P Datasheet
234Kb / 13P
Wide Input Range, 8A, Synchronous-Rectified Buck Converter
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
Wide Input Range Synchronous Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com