Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3055 Datasheet (PDF) - STMicroelectronics

MTP3055 Datasheet PDF - STMicroelectronics
Part # MTP3055
Download  MTP3055 Download
File Size   81.14 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET

MTP3055 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTP3055 Datasheet PDF - STMicroelectronics

Part # MTP3055
Download  MTP3055 Click to download

File Size   81.14 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET

MTP3055 Datasheet (HTML) - STMicroelectronics


MTP3055 Product details

N - CHANNEL 60V - 0.1Ω- 12A TO-220 STripFET™ MOSFET

■ TYPICAL RDS(on)= 0.1Ω
■ AVALANCHE RUGGED TECHNOLOGY
■ 100% AVALANCHE TESTED
■ 175°C OPERATING TEMPERATURE
■ APPLICATION ORIENTED CHARACTERIZATION

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SOLENOID AND RELAY DRIVERS
■ REGULATORS
■ DC-DC & DC-AC CONVERTERS
■ MOTOR CONTROL, AUDIO AMPLIFIERS
■ AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS, Etc.)




Similar Part No. - MTP3055

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP3055 MOTOROLA-MTP3055 Datasheet
160Kb / 8P
TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
logo
New Jersey Semi-Conduct...
MTP3055E NJSEMI-MTP3055E Datasheet
115Kb / 3P
N-CHANNEL 60V-0.1Q-12A TO-220 STripFET??MOSFET
logo
Inchange Semiconductor ...
MTP3055E ISC-MTP3055E Datasheet
301Kb / 2P
isc N-Channel MOSFET Transistor
logo
SYC Electronica
MTP3055E SYC-MTP3055E Datasheet
245Kb / 7P
N-CHANNEL 60V - 0.1W - 12A TO-220 STripFET™ POWER MOSFET
logo
Inchange Semiconductor ...
MTP3055EL ISC-MTP3055EL Datasheet
301Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - MTP3055

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10NF06L STMICROELECTRONICS-STD10NF06L Datasheet
302Kb / 7P
N-CHANNEL 60V - 0.1ohm - 10A DPAK STripFET™ POWER MOSFET
Nov-2001
STD12NE06L STMICROELECTRONICS-STD12NE06L Datasheet
92Kb / 9P
N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET
Jan-2000
STP12PF06 STMICROELECTRONICS-STP12PF06 Datasheet
85Kb / 8P
P - CHANNEL 60V - 0.18 ohm - 12A TO-220 STripFET POWER MOSFET
May-2000
STP14NF06 STMICROELECTRONICS-STP14NF06 Datasheet
247Kb / 8P
N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET™ POWER MOSFET
Dec-2000
STP45NF06 STMICROELECTRONICS-STP45NF06 Datasheet
114Kb / 6P
N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFET™ POWER MOSFET
Nov-2000
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
330Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET™ POWER MOSFET
Jan-2002
STF12PF06 STMICROELECTRONICS-STF12PF06 Datasheet
260Kb / 10P
P-CHANNEL 60V - 0.18 ohm - 12A TO-220/TO-220FP STripFET II POWER MOSFET
Rev. 2.0
logo
New Jersey Semi-Conduct...
MTP3055E NJSEMI-MTP3055E Datasheet
115Kb / 3P
N-CHANNEL 60V-0.1Q-12A TO-220 STripFET??MOSFET
logo
STMicroelectronics
STP1806 STMICROELECTRONICS-STP1806 Datasheet
272Kb / 9P
N-CHANNEL 60V - 0.015 - 50A TO-220 STripFET™ POWER MOSFET
Rev.0.1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com