Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6330 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6330 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6330
Download  FMSW6330 Download
File Size   691.38 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SPDT Latching DC to 50 GHz Electro- Mechanical Relay Switch, 28V, 2.4mm

FMSW6330 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6330 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6330
Download  FMSW6330 Click to download

File Size   691.38 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SPDT Latching DC to 50 GHz Electro- Mechanical Relay Switch, 28V, 2.4mm

FMSW6330 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6330 Product details

Features
• and is rated for 2M Life Cycles for high reliability operation. Insertion loss is
• specified from 0.3 dB max and Isolation from 70 dB min, with +28 Vdc operating
• voltage. Performance is guaranteed over -25°C to +70°C and the switch assembly
• is RoHS and REACH compliant. The package interface uses solder terminals and
• 2.4mm Female connectors.
Features
• Single Pole Double Throw
• (SPDT) Relay Switch
• DC to 50 GHz Frequency Range
• 2M Cycle Operating Life Min
• Latching Actuator
• Insertion Loss 0.3 dB typ
• Isolation 90 dB typ
• 80 Watts Avg Power Max
• Switching Sequence
• Break Before Make
• Applications:
• Test & Measurement
• Military Communication
• Commercial Communication
• Wireless Communications
• SATCOM
• Military Electronic Systems
• RF Test Stations




Similar Part No. - FMSW6330

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6331 FAIRVIEW-FMSW6331 Datasheet
1Mb / 8P
SP6T Latching 0.03 dB Low Insertion Loss Repeatability DC to 20 GHz Terminated Relay Switch, Indicators, Self Cut Off, Reset, 70W, 24V, SMA
REV 1.0
FMSW6333 FAIRVIEW-FMSW6333 Datasheet
1Mb / 8P
FMSW6333 DATA SHEET SP4T Latching 0.03 dB Low Insertion Loss Repeatability DC to 20 GHz Terminated Relay Switch, Indicators, Self Cut Off, Reset, 70W, 24V, SMA
REV 1.0
FMSW6334 FAIRVIEW-FMSW6334 Datasheet
1Mb / 8P
SP4T Latching 0.05 dB Low Insertion Loss Repeatability DC to 40 GHz Terminated Relay Switch, Indicators, Self Cut Off, 5W, 24V, 2.92mm
REV 1.0
FMSW6335 FAIRVIEW-FMSW6335 Datasheet
766Kb / 7P
SPDT Latching 0.03 dB Low Insertion Loss Repeatability DC to 20 GHz Electro-Mechanical Relay Switch, Indicators, Self Cut Off, 1W, 24V, SMA
REV 1.0
FMSW6337 FAIRVIEW-FMSW6337 Datasheet
779Kb / 8P
FMSW6337 DATA SHEET SPDT Latching 0.03 dB Low Insertion Loss Repeatability DC to 20 GHz Terminated Relay Switch, Indicators, Self Cut Off, 1W, 24V, SMA
REV 1.0
More results


Similar Description - FMSW6330

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6102 PASTERNACK-PE71S6102 Datasheet
444Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6106 PASTERNACK-PE71S6106 Datasheet
455Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6107 PASTERNACK-PE71S6107 Datasheet
454Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6152 PASTERNACK-PE71S6152 Datasheet
407Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6155 PASTERNACK-PE71S6155 Datasheet
404Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6156 PASTERNACK-PE71S6156 Datasheet
408Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6158 PASTERNACK-PE71S6158 Datasheet
397Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6160 PASTERNACK-PE71S6160 Datasheet
408Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6162 PASTERNACK-PE71S6162 Datasheet
404Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6163 PASTERNACK-PE71S6163 Datasheet
405Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com