Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6331 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6331 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6331
Download  FMSW6331 Download
File Size   1115.71 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP6T Latching 0.03 dB Low Insertion Loss Repeatability DC to 20 GHz Terminated Relay Switch, Indicators, Self Cut Off, Reset, 70W, 24V, SMA

FMSW6331 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6331 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6331
Download  FMSW6331 Click to download

File Size   1115.71 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP6T Latching 0.03 dB Low Insertion Loss Repeatability DC to 20 GHz Terminated Relay Switch, Indicators, Self Cut Off, Reset, 70W, 24V, SMA

FMSW6331 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6331 Product details

Features
• DC to 20 GHz SP6T Switch
• Guaranteed Low Insertion loss
• Repeatability: 0.03 dB max
• over 10 Million Lifecycles
• Insertion Loss: 0.6 dB max
• Isolation: up to 80 dB min
• +24 Vdc Nominal Voltage
• Hot Switching: 1W CW max
• Latching Self Cutoff Actuator
• Position Indicators
• Guaranteed to meet MIL-
• STD-202 Environmental
• Conditions
• SMA connectors
• HE10 receptacle with ribbon
• cable and HE10 connector
• -25°C to +75°C Operating
• Temperature
• 10 Million Lifecycles Minimum
• Applications:
• Electronic Warfare
• Electronic Countermeasures
• Microwave Radio
• VSAT
• Radar
• Space Systems
• Test Instrumentation
• Research and Devlopment
• Signal Monitoring Devices




Similar Part No. - FMSW6331

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6330 FAIRVIEW-FMSW6330 Datasheet
691Kb / 5P
SPDT Latching DC to 50 GHz Electro- Mechanical Relay Switch, 28V, 2.4mm
REV 1.2
FMSW6333 FAIRVIEW-FMSW6333 Datasheet
1Mb / 8P
FMSW6333 DATA SHEET SP4T Latching 0.03 dB Low Insertion Loss Repeatability DC to 20 GHz Terminated Relay Switch, Indicators, Self Cut Off, Reset, 70W, 24V, SMA
REV 1.0
FMSW6334 FAIRVIEW-FMSW6334 Datasheet
1Mb / 8P
SP4T Latching 0.05 dB Low Insertion Loss Repeatability DC to 40 GHz Terminated Relay Switch, Indicators, Self Cut Off, 5W, 24V, 2.92mm
REV 1.0
FMSW6335 FAIRVIEW-FMSW6335 Datasheet
766Kb / 7P
SPDT Latching 0.03 dB Low Insertion Loss Repeatability DC to 20 GHz Electro-Mechanical Relay Switch, Indicators, Self Cut Off, 1W, 24V, SMA
REV 1.0
FMSW6337 FAIRVIEW-FMSW6337 Datasheet
779Kb / 8P
FMSW6337 DATA SHEET SPDT Latching 0.03 dB Low Insertion Loss Repeatability DC to 20 GHz Terminated Relay Switch, Indicators, Self Cut Off, 1W, 24V, SMA
REV 1.0
More results


Similar Description - FMSW6331

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7143 PASTERNACK-PE7143 Datasheet
283Kb / 1P
SMA SPDT RELAY SWITCH INDICATORS LATCHING & SELF CUT OFF
PE7144 PASTERNACK-PE7144 Datasheet
277Kb / 1P
SMA SPDT RALAY SWITCH INDICATORS LATCHING & SELF CUT OFF
PE7151 PASTERNACK-PE7151 Datasheet
306Kb / 1P
SMA TRANSFER RELAY SWITCH, INDICATORS, LATCHING & SELF CUT OFF
PE71S6314 PASTERNACK-PE71S6314 Datasheet
485Kb / 6P
SP6T Electromechanical Relay Latching Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
PE71S6305 PASTERNACK-PE71S6305 Datasheet
467Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Self Cut Off
PE71S6306 PASTERNACK-PE71S6306 Datasheet
467Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
PE71S6307 PASTERNACK-PE71S6307 Datasheet
495Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL, Self Cut Off
PE71S6308 PASTERNACK-PE71S6308 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL, Self Cut Off
PE71S6311 PASTERNACK-PE71S6311 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6313 PASTERNACK-PE71S6313 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz,SMA, 20 Watts, 12V Control with Self Cut Off
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com