Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6331 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMSW6331
Description  SP6T Latching 0.03 dB Low Insertion Loss Repeatability DC to 20 GHz Terminated Relay Switch, Indicators, Self Cut Off, Reset, 70W, 24V, SMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW6331 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMSW6331 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 7Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 8Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Mechanical Specifications
Size
Length
1.25 in [31.75 mm]
Width/Diameter
1.25 in [31.75 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.588 lbs [266.71 g]
Body Material and Plating
Aluminum, Nickel
Package Type
Connectorized
.
Operating Life
10,000,000 Cycles
Connectors
RF Connector Type
SMA Female
RF Connector Contact Material & Plating Beryllium Copper, Gold
RF Connector Body Material & Plating Passivated Stainless Steel
Control Connector
HE 10
Environmental Specifications
Temperature
Operating Range
-25 to +75 deg C
Storage Range
-55 to +85 deg C
Humidity
MIL-STD-202, Method 106E, Condition E, 65°C, 95% RH, 10 days
Shock
MIL-STD-202, method 213B, Condition G, 50g, 6 ms, 1/2 Sine, Operating
Vibration
MIL-STD-202, Method 204D, Condition D, 10-2000 Hz, 10g, Operating
Altitude
MIL-STD-202-Method 105C, Condition B, 50,000 feet (15,240 meters)
Temperature Cycling
MIL-STD-202, Method 107D, Condition A, -55oC to +85oC, 10 cycles
EMI/RFI
MIL-STD-1344, Method 3008, or IEC 61726, 55 dB at 20 GHz
Magnetic Field
< 5x10-5 gauss at 1 meter
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only
in ESD Workstation.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 2 of 8
FMSW6331
DATA SHEET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com