Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6331 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMSW6331
Description  SP6T Latching 0.03 dB Low Insertion Loss Repeatability DC to 20 GHz Terminated Relay Switch, Indicators, Self Cut Off, Reset, 70W, 24V, SMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW6331 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMSW6331 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 7Page - Infinite Electronics International, Inc. FMSW6331 Datasheet HTML 8Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
2
4
6
8
10
12
14
16
18
20
dB
GHz
Isolation
SP6T Latching 0.03 dB Low Insertion Loss Repeatability DC to 20 GHz Terminated Relay Switch, Indicators, Self Cut Off,
Reset, 70W, 24V, SMA from Fairview Microwave is in-stock and available to ship same-day. All of our RF/microwave products
are available off-the-shelf from our ISO 9001:2008 certified facilities in Allen, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: SP6T Latching 0.03 dB Low Insertion Loss
Repeatability DC to 20 GHz Terminated Relay Switch, Indicators, Self Cut Off, Reset, 70W, 24V, SMA FMSW6331
URL: https://www.fairviewmicrowave.com/sp6t-latching-electromechanical-relay-switch-indicators-reset-fmsw6331-p.
aspx
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 4 of 8
FMSW6331
DATA SHEET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com