Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP393A Datasheet (PDF) - Diodes Incorporated

AP393A Datasheet PDF - Diodes Incorporated
Part # AP393A
Download  AP393A Download
File Size   302.37 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS

AP393A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP393A Datasheet PDF - Diodes Incorporated

Part # AP393A
Download  AP393A Click to download

File Size   302.37 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS

AP393A Datasheet (HTML) - Diodes Incorporated


AP393A Product details

General Description
The AP393A consists of two independent precision voltage comparators with an offset voltage specification as low as 8.0mV max for two comparators which were designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. These comparators also have a unique characteristic in that the input common-mode voltage range includes ground, even though operated from a single power supply voltage.
Application areas include limit comparators, simple analog to digital converters; pulse, square wave and time delay generators; wide range VCO; MOS clock timers; multivibrators and high voltage digital logic gates. The AP393A is designed to directly interface with TTL and CMOS. When operated from both plus and minus power supplies, the AP393A will directly interface with MOS logic where their low power drain is a distinct advantage over standard comparators.

Features
• Wide supply
   Voltage range: 2.0V to 36V
   Single or dual supplies: ±1.0V to ±18V
• Very low supply current drain (0.4mA) – independent of
   supply voltage
• Low input biasing current: 150nA
• Low input offset current: ±70nA
• Low input offset voltage: ±4mV
• Input common-mode voltage range includes ground
• Differential input voltage range equal to the power
   supply voltage
• Low output saturation voltage: 250mV at 4mA
• Output voltage compatible with TTL, DTL, ECL, MOS
   and CMOS logic systems
• MSOP-8L and SOP-8L: Available in “Green” Molding
   Compound (No Br, Sb)
• Lead Free Finish/ RoHS Compliant (Note 1)

Applications
• High precision comparators
• Reduced VOS drift over temperature
• Eliminates need for dual supplies
• Allows sensing near ground
• Compatible with all forms of logic
• Power drain suitable for battery operation




Similar Part No. - AP393A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP393A DIODES-AP393A Datasheet
242Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL
AP393A Rev. 7
AP393AM8G-13 DIODES-AP393AM8G-13 Datasheet
242Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL
AP393A Rev. 7
AP393ASG-13 DIODES-AP393ASG-13 Datasheet
242Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL
AP393A Rev. 7
AP393A DIODES-AP393A_09 Datasheet
242Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL
AP393A Rev. 7
More results


Similar Description - AP393A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com