Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE13 Datasheet (PDF) - FLEXTRAL

PE13 Datasheet PDF - FLEXTRAL
Part # PE13
Download  PE13 Download
File Size   322.61 Kbytes
Page   1 Pages
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL
Description PE13 Petro-Flex LT Corrugated Tank Truck

PE13 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE13 Datasheet PDF - FLEXTRAL

Part # PE13
Download  PE13 Click to download

File Size   322.61 Kbytes
Page   1 Pages
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL
Description PE13 Petro-Flex LT Corrugated Tank Truck

PE13 Datasheet (HTML) - FLEXTRAL


PE13 Product details

Application:
For use with petroleum based products with an aromatic content of up to 50%. An all purpose
petroleum suction and discharge hose for tank truck and in plant operations to transfer gasoline,
kerosene, diesel, fats, grease, animal, and vegetable oils. May also be used for oil field wastes and
water.




Similar Part No. - PE13

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PE130F120 SANREX-PE130F120 Datasheet
115Kb / 2P
THYRISTOR MODULE
PE130F160 SANREX-PE130F160 Datasheet
115Kb / 2P
THYRISTOR MODULE
PE130F40 SANREX-PE130F40 Datasheet
115Kb / 2P
THYRISTOR MODULE
PE130F80 SANREX-PE130F80 Datasheet
115Kb / 2P
THYRISTOR MODULE
logo
Powertip Technology
PE13264-002 POWERTIP-PE13264-002 Datasheet
591Kb / 1P
POWERTIP
More results


Similar Description - PE13

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
CT-4 RICHCO-CT-4 Datasheet
51Kb / 1P
CORRUGATED TUBE
logo
Weidmuller
0205700000 WEIDMULLER-0205700000 Datasheet
532Kb / 1P
SAKT 1/LT SAKT 2/LT
logo
List of Unclassifed Man...
TAT400 ETC2-TAT400 Datasheet
309Kb / 1P
Tank Immersion Heaters General Purpose Tank or Reservoir Water
logo
Ralston Instruments.
NPAK-0050 RALSTON-NPAK-0050 Datasheet
206Kb / 1P
NPAK tube connecting tank fill valve to "tank pressure" gauge
logo
Cynergy3 Co
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
Submersible Tank Gauging Level Transmitter
logo
List of Unclassifed Man...
47553 ETC-47553 Datasheet
248Kb / 1P
Universal Organizer, Corrugated
D01955 ETC-D01955 Datasheet
152Kb / 1P
150kg Platform Truck
28/08/14
logo
TE Connectivity Ltd
408-10393 TEC-408-10393 Datasheet
504Kb / 5P
Truck Light Connector System
2010
logo
RAYEX ELECTRONICS CO., ...
LT-12GS RAYEX-LT-12GS Datasheet
547Kb / 2P
LT SERIES
logo
Heyco.
8478 HEYCO-8478 Datasheet
154Kb / 1P
Heyco-Flex™ III Nylon 94V-0 Corrugated Liquid Tight Tubing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com