Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE13 Datasheet(PDF) 1 Page - FLEXTRAL

Part # PE13
Description  PE13 Petro-Flex LT Corrugated Tank Truck
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

PE13 Datasheet(HTML) 1 Page - FLEXTRAL

  PE13 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE13 Petro-Flex LT Corrugated Tank Truck
www.
.com
V04.21
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Bend Radius
Inches
Weight
lbs / ft
Standard
Lengths
PE13-200
2
2.44
100
4.0
0.90
100’
PE13-300
3
3.47
100
6.0
1.46
100’
PE13-400
4
4.57
100
9.0
2.21
100’
Application:
For use with petroleum based products with an aromatic content of up to 50%. An all purpose
petroleum suction and discharge hose for tank truck and in plant operations to transfer gasoline,
kerosene, diesel, fats, grease, animal, and vegetable oils. May also be used for oil field wastes and
water.
Construction:
Tube - Black, smooth synthetic rubber compound, ARPM Class A
Reinforcement - High-strength synthetic cord, steel spiral wire helix
Cover - Red, corrugated wrapped finish, synthetic rubber cover; oil, fuel, weather and ozone resistant
Branding - FLEXTRAL PE13-300 3” PETRO-FLEX LT 100 PSI MAX WP
Temperature Range:
-35ºC to +100ºC (-31ºF to +212ºF)
*Call for additional fittings, lengths and assemblies.
**
Caution: Static wire must be properly grounded during fabrication and tested to
ensure static continuity of hose assemblies.


Similar Part No. - PE13

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PE130F120 SANREX-PE130F120 Datasheet
115Kb / 2P
THYRISTOR MODULE
PE130F160 SANREX-PE130F160 Datasheet
115Kb / 2P
THYRISTOR MODULE
PE130F40 SANREX-PE130F40 Datasheet
115Kb / 2P
THYRISTOR MODULE
PE130F80 SANREX-PE130F80 Datasheet
115Kb / 2P
THYRISTOR MODULE
logo
Powertip Technology
PE13264-002 POWERTIP-PE13264-002 Datasheet
591Kb / 1P
POWERTIP
More results

Similar Description - PE13

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
CT-4 RICHCO-CT-4 Datasheet
51Kb / 1P
CORRUGATED TUBE
logo
Weidmuller
0205700000 WEIDMULLER-0205700000 Datasheet
532Kb / 1P
SAKT 1/LT SAKT 2/LT
logo
List of Unclassifed Man...
TAT400 ETC2-TAT400 Datasheet
309Kb / 1P
Tank Immersion Heaters General Purpose Tank or Reservoir Water
logo
Ralston Instruments.
NPAK-0050 RALSTON-NPAK-0050 Datasheet
206Kb / 1P
NPAK tube connecting tank fill valve to "tank pressure" gauge
logo
Cynergy3 Co
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
Submersible Tank Gauging Level Transmitter
logo
List of Unclassifed Man...
47553 ETC-47553 Datasheet
248Kb / 1P
Universal Organizer, Corrugated
D01955 ETC-D01955 Datasheet
152Kb / 1P
150kg Platform Truck
28/08/14
logo
TE Connectivity Ltd
408-10393 TEC-408-10393 Datasheet
504Kb / 5P
Truck Light Connector System
2010
logo
RAYEX ELECTRONICS CO., ...
LT-12GS RAYEX-LT-12GS Datasheet
547Kb / 2P
LT SERIES
logo
Heyco.
8478 HEYCO-8478 Datasheet
154Kb / 1P
Heyco-Flex™ III Nylon 94V-0 Corrugated Liquid Tight Tubing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com