Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW1100 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW1100 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW1100
Download  FMSW1100 Download
File Size   808.91 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 6 GHz Rated at 40 Watts < 100ns Speed

FMSW1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW1100 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW1100
Download  FMSW1100 Click to download

File Size   808.91 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 6 GHz Rated at 40 Watts < 100ns Speed

FMSW1100 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW1100 Product details

Features
• Reflective SPDT High
• Power PIN Diode Switch
• GaN Semiconductor Technology
• Reflective Design
• Frequency Range: DC to 6 GHz
• Insertion Loss: 0.9 dB typ
• Isolation: 33 dB typ
• VSWR: 1.3:1 typ
• Maximum RF Input
• Power: +46 dBm
• Input IP3: 55 dBm typ
• Switching Speed: < 100 nsec
• TTL Compatible Driver Circuitry
• 50 Ohm Design
• SMA Female Connectors
• Compact Package Design
• withstands up to 95%
• Relative Humidity
• -45°C to +85°C Operating
• Temperature
• Applications:
• Aerospace & Defense
• Microwave Radio
• Military & Commercial
• Communications
• VSAT
• SATCOM
• Test & Measurement
• Wireless Infrastructure
• Fiber Optics
• FMSW1100
• DATA SHEET




Similar Part No. - FMSW1100

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW1101 FAIRVIEW-FMSW1101 Datasheet
809Kb / 5P
FMSW1101 DATA SHEET SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 12 GHz Rated at 25 Watts 100ns Speed
REV 1.1A
FMSW1102 FAIRVIEW-FMSW1102 Datasheet
811Kb / 5P
FMSW1102 DATA SHEET SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 18 GHz Rated at 10 Watts 50ns Speed
REV 1.1A
FMSW1103 FAIRVIEW-FMSW1103 Datasheet
537Kb / 6P
The Right Parts, Right Away N Reflective SPDT GaN High Power PIN Diode Switch from 10 MHz to 6 GHz Rated at 50 Watts 150ns Speed
REV A
FMSW1104 FAIRVIEW-FMSW1104 Datasheet
831Kb / 5P
SMA Reflective SP4T GaN High Power PIN Diode Switch from DC to 6 GHz Rated at 40 Watts < 100ns Speed
REV 1.1A
FMSW1105 FAIRVIEW-FMSW1105 Datasheet
905Kb / 6P
SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 6 GHz Rated at 40 Watts < 100ns Speed with Heatsink
REV 1.1A
More results


Similar Description - FMSW1100

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP640R5-00 ALPHA-AP640R5-00 Datasheet
66Kb / 2P
24-40 GHz GaAs MMIC SPDT Reflective PIN Switch
logo
Hittite Microwave Corpo...
HMC849LP4CE HITTITE-HMC849LP4CE Datasheet
204Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_1 Datasheet
243Kb / 8P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_11 Datasheet
497Kb / 8P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
logo
Pasternack Enterprises,...
PE2056 PASTERNACK-PE2056 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 7.5 GHz to 16 GHz Rated To 40 Watts
PE2057 PASTERNACK-PE2057 Datasheet
184Kb / 3P
90 Degree SMA Hybrid From 12 GHz to 18 GHz Rated To 40 Watts
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE2082 PASTERNACK-PE2082 Datasheet
203Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 6 GHz Rated at 2 Watts
logo
Custom MMIC Design Serv...
CMD215 MMIC-CMD215 Datasheet
226Kb / 9P
DC-40 GHz SPDT Reflective Switch
logo
Analog Devices
HMC849ALP4CE AD-HMC849ALP4CE Datasheet
566Kb / 8P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com