Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW1102 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW1102 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW1102
Download  FMSW1102 Download
File Size   811.06 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMSW1102 DATA SHEET SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 18 GHz Rated at 10 Watts 50ns Speed

FMSW1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW1102 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW1102
Download  FMSW1102 Click to download

File Size   811.06 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMSW1102 DATA SHEET SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 18 GHz Rated at 10 Watts 50ns Speed

FMSW1102 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW1102 Product details

Features
• Reflective SPDT High
• Power PIN Diode Switch
• GaN Semiconductor Technology
• Reflective Design
• Frequency Range: DC to 18 GHz
• Insertion Loss: 1.3 dB typ
• Isolation: 35 dB typ
• VSWR: 1.6:1 typ
• Maximum RF Input
• Power: +40 dBm
• Input IP3: 55 dBm typ
• Switching Speed: 50 nsec typ
• TTL Compatible Driver Circuitry
• 50 Ohm Design
• SMA Female Connectors
• Compact Package Design
• withstands up to 95%
• Relative Humidity
• -45°C to +85°C Operating
• Temperature
• Applications:
• Aerospace & Defense
• Microwvae Radio
• Military & Commercial
• Communication
• VSAT
• SATCOM
• Test & Measuurement
• Wireless Infrastructure
• Fiber Optics
• FMSW1102
• DATA SHEET




Similar Part No. - FMSW1102

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW1100 FAIRVIEW-FMSW1100 Datasheet
808Kb / 5P
SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 6 GHz Rated at 40 Watts < 100ns Speed
REV 1.1A
FMSW1101 FAIRVIEW-FMSW1101 Datasheet
809Kb / 5P
FMSW1101 DATA SHEET SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 12 GHz Rated at 25 Watts 100ns Speed
REV 1.1A
FMSW1103 FAIRVIEW-FMSW1103 Datasheet
537Kb / 6P
The Right Parts, Right Away N Reflective SPDT GaN High Power PIN Diode Switch from 10 MHz to 6 GHz Rated at 50 Watts 150ns Speed
REV A
FMSW1104 FAIRVIEW-FMSW1104 Datasheet
831Kb / 5P
SMA Reflective SP4T GaN High Power PIN Diode Switch from DC to 6 GHz Rated at 40 Watts < 100ns Speed
REV 1.1A
FMSW1105 FAIRVIEW-FMSW1105 Datasheet
905Kb / 6P
SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 6 GHz Rated at 40 Watts < 100ns Speed with Heatsink
REV 1.1A
More results


Similar Description - FMSW1102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
logo
TriQuint Semiconductor
TGS2353-2-SM TRIQUINT-TGS2353-2-SM_15 Datasheet
803Kb / 11P
0.5 to 18 GHz High Power SPDT Reflective Switch
logo
Pasternack Enterprises,...
PE2215-10 PASTERNACK-PE2215-10 Datasheet
213Kb / 3P
Directional 10 dB SMA Coupler From 2 GHz to 18 GHz Rated To 25 Watts
PE2081 PASTERNACK-PE2081 Datasheet
236Kb / 2P
50 Ohm 2 Way SMA Power Divider From 7 GHz to 12.4 GHz Rated at 10 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
PE2096 PASTERNACK-PE2096 Datasheet
334Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2216-10 PASTERNACK-PE2216-10 Datasheet
403Kb / 5P
Directional 10 dB SMA Coupler From 4 GHz to 18 GHz Rated to 10 Watts
logo
Custom MMIC Design Serv...
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
DC-18 GHz SPDT Non-reflective Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com