Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW2037 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW2037 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW2037
Download  FMSW2037 Download
File Size   592.71 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA SP4T PIN Diode Switch Absorptive From 5 MHz to 3 GHz Rated at 30 dBm

FMSW2037 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW2037 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW2037
Download  FMSW2037 Click to download

File Size   592.71 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA SP4T PIN Diode Switch Absorptive From 5 MHz to 3 GHz Rated at 30 dBm

FMSW2037 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW2037 Product details

Features
• SP4T PIN Diode Switch
• Terminated
• 5 to 3000 MHz Bandwidth
• Insertion loss: 2.5 dB max
• Isolation: 60 dB min
• 50 Ohms
• Switching Speed: 10
• microseconds
• DC voltage: +24 Vdc
• SMA female connectors
• TTL Control Logic
• Applications:
• Electronic Warfare
• Test & Measurement
• Military and Wireless
• Communications Systems
• Military & Space
• Radar
• FMSW2037
• DATA SHEET




Similar Part No. - FMSW2037

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW2034 FAIRVIEW-FMSW2034 Datasheet
897Kb / 7P
FMSW2034 DATA SHEET SMA SP12T PIN Diode Switch Absorptive From 100 MHz to 20 GHz Rated at 27 dBm
REV 1.0
FMSW2038 FAIRVIEW-FMSW2038 Datasheet
669Kb / 4P
SMA SPDT PIN Diode Switch From 100 MHz to 500 MHz Rated at 250 Watts
REV 1.0
FMSW2039 FAIRVIEW-FMSW2039 Datasheet
667Kb / 4P
SMA SPDT PIN Diode Switch From 20 MHz to 500 MHz Rated at 150 Watts
REV 1.0
More results


Similar Description - FMSW2037

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7167 PASTERNACK-PE7167 Datasheet
304Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7172 PASTERNACK-PE7172 Datasheet
276Kb / 3P
50 Ohm 2.92mm SP4T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE71S2007 PASTERNACK-PE71S2007 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 30 dBm
PE71S2015 PASTERNACK-PE71S2015 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2016 PASTERNACK-PE71S2016 Datasheet
487Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2017 PASTERNACK-PE71S2017 Datasheet
501Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2010 PASTERNACK-PE71S2010 Datasheet
445Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S6208 PASTERNACK-PE71S6208 Datasheet
551Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 4 GHz Up To plus 30 dBm
PE71S6213 PASTERNACK-PE71S6213 Datasheet
370Kb / 4P
SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To plus 20 dBm
logo
Skyworks Solutions Inc.
SKY13296-340LF SKYWORKS-SKY13296-340LF Datasheet
418Kb / 6P
GaAs SP4T Absorptive Switch 20 MHz??.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com