Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW2034 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW2034 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW2034
Download  FMSW2034 Download
File Size   897.62 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMSW2034 DATA SHEET SMA SP12T PIN Diode Switch Absorptive From 100 MHz to 20 GHz Rated at 27 dBm

FMSW2034 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW2034 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW2034
Download  FMSW2034 Click to download

File Size   897.62 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMSW2034 DATA SHEET SMA SP12T PIN Diode Switch Absorptive From 100 MHz to 20 GHz Rated at 27 dBm

FMSW2034 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW2034 Product details

Features
• SP12T Absorptive Switch
• 100 MHz to 20 GHz
• Insertion Loss 6 dB max
• Isolation 65 dB min
• Switching speed 100 nsec max
• Max Operating Power +27 dBm
• Applications:
• Communications Systems
• Electronic Simulators
• Bypass Switch
• Test Equipment
• Radar Systems
• EW Systems
• FMSW2034
• DATA SHEET




Similar Part No. - FMSW2034

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW2037 FAIRVIEW-FMSW2037 Datasheet
592Kb / 5P
SMA SP4T PIN Diode Switch Absorptive From 5 MHz to 3 GHz Rated at 30 dBm
REV 1.0
FMSW2038 FAIRVIEW-FMSW2038 Datasheet
669Kb / 4P
SMA SPDT PIN Diode Switch From 100 MHz to 500 MHz Rated at 250 Watts
REV 1.0
FMSW2039 FAIRVIEW-FMSW2039 Datasheet
667Kb / 4P
SMA SPDT PIN Diode Switch From 20 MHz to 500 MHz Rated at 150 Watts
REV 1.0
More results


Similar Description - FMSW2034

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7164 PASTERNACK-PE7164 Datasheet
276Kb / 3P
50 Ohm SMA SPST PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7165 PASTERNACK-PE7165 Datasheet
270Kb / 3P
50 Ohm SMA SP2T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7166 PASTERNACK-PE7166 Datasheet
279Kb / 3P
50 Ohm SMA SP3T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7167 PASTERNACK-PE7167 Datasheet
304Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE71S2008 PASTERNACK-PE71S2008 Datasheet
486Kb / 6P
SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE71S6230 PASTERNACK-PE71S6230 Datasheet
425Kb / 5P
SMA SPST PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To 20 dBm
PE71S2009 PASTERNACK-PE71S2009 Datasheet
451Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2010 PASTERNACK-PE71S2010 Datasheet
445Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S6213 PASTERNACK-PE71S6213 Datasheet
370Kb / 4P
SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To plus 20 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com