Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3002051 Datasheet (PDF) - ledxon GmbH

3002051 Datasheet PDF - ledxon GmbH
Part # 3002051
Download  3002051 Download
File Size   74.79 Kbytes
Page   3 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Zubehör, Netzteil Konstantstrom 500mA, 27-40V, nicht dimmbar

3002051 Datasheet (PDF)

Go To PDF Page Download Datasheet
3002051 Datasheet PDF - ledxon GmbH

Part # 3002051
Download  3002051 Click to download

File Size   74.79 Kbytes
Page   3 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Zubehör, Netzteil Konstantstrom 500mA, 27-40V, nicht dimmbar

3002051 Datasheet (HTML) - ledxon GmbH


3002051 Product details

FEATURES
Product group LED driver (EC002710)
No dim function Yes
Housing Plastic housing
Length 92 mm
Width 36 mm
Height 25 mm
Power consumption 18.00 W




Similar Part No. - 3002051

ManufacturerPart #DatasheetDescription
logo
ledxon GmbH
3002050 LEDXON-3002050 Datasheet
74Kb / 3P
Zubehör, Netzteil Konstantstrom 180mA, 30-42V, nicht dimmbar
3002052 LEDXON-3002052 Datasheet
74Kb / 3P
Zubehör, Netzteil Konstantstrom 100-700mA, 2.5-46V, dimmbar, DALI2 DT6
3002053 LEDXON-3002053 Datasheet
74Kb / 3P
Zubehör, Netzteil Konstantstrom 100-700mA, 2.5-46V, tuneable, DALI2 DT8
logo
Molex Electronics Ltd.
300205A MOLEX1-300205A Datasheet
135Kb / 3P
5.08mm (.200") Pitch KK짰 PC Board Connector, Right Angle Mount Style A, 1.0關m (40關") Tin (Sn), 5 Circuits
300205B MOLEX1-300205B Datasheet
150Kb / 3P
5.08mm (.200") Pitch KK짰 PC Board Connector, Bottom Entry Mount Style B, 1.0關m (40關") Tin (Sn), 5 Circuits
More results


Similar Description - 3002051

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD143TK ROHM-DTD143TK_1 Datasheet
66Kb / 3P
500mA / 40V Digital transistors (with built-in resistor)
DTD123TK ROHM-DTD123TK_09 Datasheet
139Kb / 3P
500mA / 40V Digital transistors (with built-in resistors)
logo
New Japan Radio
NJW4185 NJRC-NJW4185 Datasheet
152Kb / 1P
40V Io=500mA Low dropout Regulator
logo
Rohm
DTD123TC ROHM-DTD123TC Datasheet
986Kb / 7P
500mA/40V Digital transistor
DTB123TK ROHM-DTB123TK_16 Datasheet
984Kb / 7P
500mA/-40V Digital transistor
DTD123TK ROHM-DTD123TK_12 Datasheet
332Kb / 6P
NPN 500mA 40V Digital Transistors
logo
ON Semiconductor
NSR05T40XV2 ONSEMI-NSR05T40XV2 Datasheet
66Kb / 5P
500mA, 40V Schottky Barrier Diode
February, 2017 ??Rev. 1
logo
Siemens Semiconductor G...
3TX700 SIEMENS-3TX700 Datasheet
56Kb / 2P
Relaiskoppler, nicht steckbar
logo
Monolithic Power System...
MP2014 MPS-MP2014 Datasheet
926Kb / 13P
40V, 500mA, Low Quiescent Current Linear Regulator
logo
List of Unclassifed Man...
A301D ETC1-A301D Datasheet
114Kb / 3P
Nicht fur Neuentwicklungen
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com