Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3002052 Datasheet (PDF) - ledxon GmbH

3002052 Datasheet PDF - ledxon GmbH
Part # 3002052
Download  3002052 Download
File Size   74.69 Kbytes
Page   3 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Zubehör, Netzteil Konstantstrom 100-700mA, 2.5-46V, dimmbar, DALI2 DT6

3002052 Datasheet (PDF)

Go To PDF Page Download Datasheet
3002052 Datasheet PDF - ledxon GmbH

Part # 3002052
Download  3002052 Click to download

File Size   74.69 Kbytes
Page   3 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Zubehör, Netzteil Konstantstrom 100-700mA, 2.5-46V, dimmbar, DALI2 DT6

3002052 Datasheet (HTML) - ledxon GmbH


3002052 Product details

FEATURES
Product group LED driver (EC002710)
No dim function Yes
Housing Plastic housing
Length 138 mm
Width 30 mm
Height 21 mm
Power consumption 18.00 W




Similar Part No. - 3002052

ManufacturerPart #DatasheetDescription
logo
ledxon GmbH
3002050 LEDXON-3002050 Datasheet
74Kb / 3P
Zubehör, Netzteil Konstantstrom 180mA, 30-42V, nicht dimmbar
3002051 LEDXON-3002051 Datasheet
74Kb / 3P
Zubehör, Netzteil Konstantstrom 500mA, 27-40V, nicht dimmbar
3002053 LEDXON-3002053 Datasheet
74Kb / 3P
Zubehör, Netzteil Konstantstrom 100-700mA, 2.5-46V, tuneable, DALI2 DT8
logo
Molex Electronics Ltd.
300205A MOLEX1-300205A Datasheet
135Kb / 3P
5.08mm (.200") Pitch KK짰 PC Board Connector, Right Angle Mount Style A, 1.0關m (40關") Tin (Sn), 5 Circuits
300205B MOLEX1-300205B Datasheet
150Kb / 3P
5.08mm (.200") Pitch KK짰 PC Board Connector, Bottom Entry Mount Style B, 1.0關m (40關") Tin (Sn), 5 Circuits
More results


Similar Description - 3002052

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB07-015C SANYO-SB07-015C Datasheet
51Kb / 2P
15V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
57Kb / 2P
30V, 700mA Rectifier
logo
Semtech Corporation
SC1537 SEMTECH-SC1537 Datasheet
95Kb / 7P
700mA SmartLDOTM
logo
Molex Electronics Ltd.
0022446104 MOLEX3-0022446104 Datasheet
305Kb / 4P
2.5 HEADER ASSY 100
0022446064 MOLEX3-0022446064 Datasheet
305Kb / 4P
2.5 HEADER ASSY 100
0022446034 MOLEX3-0022446034 Datasheet
305Kb / 4P
2.5 HEADER ASSY 100
logo
Dialight Corporation
MCDE36-700-P DIALIGHT-MCDE36-700-P Datasheet
134Kb / 2P
700MA OUTPUT
logo
Sanyo Semicon Device
SB07-03C SANYO-SB07-03C_07 Datasheet
64Kb / 3P
30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P_04 Datasheet
31Kb / 3P
30V, 700mA Rectifier
logo
PHOENIX CONTACT
2702864 PHOENIX-2702864 Datasheet
461Kb / 11P
Communication module - AXL F MA DALI2 1H
Dec 9, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com