Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSKIT4 Datasheet (PDF) - Pro-Power

HSKIT4 Datasheet PDF - Pro-Power
Part # HSKIT4
Download  HSKIT4 Download
File Size   206.69 Kbytes
Page   2 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description 4:1 Dual Wall Heat Shrink Tubing Kit Black

HSKIT4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSKIT4 Datasheet PDF - Pro-Power

Part # HSKIT4
Download  HSKIT4 Click to download

File Size   206.69 Kbytes
Page   2 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description 4:1 Dual Wall Heat Shrink Tubing Kit Black

HSKIT4 Datasheet (HTML) - Pro-Power


HSKIT4 Product details

Features
•
Operating temperature -45°C to +125°C
•
Minimum shrink temperature 70°C
•
Full recovery temperature 125°C
•
Shrink Ratio 4:1
•
Approvals: UL224, 125°C 600V VW-1
•
Colour: Black

Applications
Manufactured by co-extrusion of polyolefin and hot-melt adhesive. Designed to provide both insulation and sealing for protected articles. Used to protect auto wires, shipping cable, bundle wires and metal tubes against water and moisture. A high expansion ratio makes it possible to repair the most damaged cable jackets without removing connectors.

Description
Heat Shrink Tubing Kit, Polyolefin, 4:1, Dual Wall, Black, 120 Pcs




Similar Part No. - HSKIT4

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
HSKIT HUBBELL-HSKIT Datasheet
294Kb / 1P
Heat shrink connectors and installation tool kit contains Butt splice, Ring terminal, Fork Terminal, Male & Female Quick Disc., Male & Female Bullet, Step Down Butt Splice, Ratchet Crimp Tool and Metal Case with Dividers
logo
Bel Fuse Inc.
HSKIT-400-XBS BEL-HSKIT-400-XBS Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
HSKIT-400-XBS BEL-HSKIT-400-XBS Datasheet
851Kb / 9P
400 W rated power (440 W peak up to 10 s)
logo
Pro-Power
HSKIT2 PROPOWER-HSKIT2 Datasheet
197Kb / 2P
2:1 Heat Shrink Tubing Kit Clear
V1.0 15/11/19
HSKIT2:1CLEAR PROPOWER-HSKIT2:1CLEAR Datasheet
197Kb / 2P
2:1 Heat Shrink Tubing Kit Clear
V1.0 15/11/19
More results


Similar Description - HSKIT4

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF_13 Datasheet
820Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
HEAT SHRINK THIN WALL TUBING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com