Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSKIT2 Datasheet (PDF) - Pro-Power

HSKIT2 Datasheet PDF - Pro-Power
Part # HSKIT2
Download  HSKIT2 Download
File Size   197.91 Kbytes
Page   2 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description 2:1 Heat Shrink Tubing Kit Clear

HSKIT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSKIT2 Datasheet PDF - Pro-Power

Part # HSKIT2
Download  HSKIT2 Click to download

File Size   197.91 Kbytes
Page   2 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description 2:1 Heat Shrink Tubing Kit Clear

HSKIT2 Datasheet (HTML) - Pro-Power


HSKIT2 Product details

Features
•
Halogen Free
•
Operating temperature -55°C to +125°C
•
Minimum shrink temperature 70°C
•
Full recovery temperature: 125°C
•
Shrink Ratio 2:1
•
Colour: Clear

Applications
As a kind of totally environmental friendly heat shrinkable tube, it is made of specially designed polyolefin. It produces neither toxic smoke nor harmful substances when burning, which meets the growing demand for environmental protection. Widely used in electronic appliances, light and communication industries.

Description
Heat Shrink Tubing Kit, Polyolefin, 2:1, Normal Wall, Clear, 180 Pcs




Similar Part No. - HSKIT2

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
HSKIT HUBBELL-HSKIT Datasheet
294Kb / 1P
Heat shrink connectors and installation tool kit contains Butt splice, Ring terminal, Fork Terminal, Male & Female Quick Disc., Male & Female Bullet, Step Down Butt Splice, Ratchet Crimp Tool and Metal Case with Dividers
logo
Bel Fuse Inc.
HSKIT-400-XBS BEL-HSKIT-400-XBS Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
HSKIT-400-XBS BEL-HSKIT-400-XBS Datasheet
851Kb / 9P
400 W rated power (440 W peak up to 10 s)
logo
Pro-Power
HSKIT4 PROPOWER-HSKIT4 Datasheet
206Kb / 2P
4:1 Dual Wall Heat Shrink Tubing Kit Black
V1.0 18/11/19
HSKIT4:1DUALWALL PROPOWER-HSKIT4:1DUALWALL Datasheet
206Kb / 2P
4:1 Dual Wall Heat Shrink Tubing Kit Black
V1.0 18/11/19
More results


Similar Description - HSKIT2

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
List of Unclassifed Man...
PP2258 ETC2-PP2258 Datasheet
271Kb / 4P
Heat Shrink Tubing
PP2130 ETC2-PP2130 Datasheet
271Kb / 4P
Heat Shrink Tubing 2 1 Ratio
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com