Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSKIT2 Datasheet(PDF) 1 Page - Pro-Power

Part # HSKIT2
Description  2:1 Heat Shrink Tubing Kit Clear
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

HSKIT2 Datasheet(HTML) 1 Page - Pro-Power

  HSKIT2 Datasheet HTML 1Page - Pro-Power HSKIT2 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
15/11/19
2:1 Heat Shrink Tubing Kit
Clear
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Applications
As a kind of totally environmental friendly heat shrinkable tube, it is made of specially designed polyolefin. It produces neither
toxic smoke nor harmful substances when burning, which meets the growing demand for environmental protection. Widely used
in electronic appliances, light and communication industries.
Features
• Halogen Free
• Operating temperature -55°C to +125°C
• Minimum shrink temperature 70°C
• Full recovery temperature: 125°C
• Shrink Ratio 2:1
• Colour: Clear
Kit Contains
• 2:1 normal wall, 3.2mm (50mm × 75pcs)
• 2:1 normal wall, 4.8mm (50mm × 30pcs)
• 2:1 normal wall, 9.5mm (50mm × 50pcs)
• 2:1 normal wall, 12.7mm (70mm × 25pcs)
Technical Data
Property
Test Method
Typical Data
Tensile Strength
ASTM D2671
≥10.4 Mpa
Ultimate Elongation
ASTM D2671
≥200%
Longitudinal Shrinkage
UL 224
±5%
Heat Aging Tensile
Strength Ultimate
Elongation
158°C, 168hrs
≥7.3 Mpa
≥100%
Heat shock
250°C, 4hrs
No cracking, No dripping
Flammability
FMVSS302
Pass
Dielectric Strength
ASTM D150
≥15 kV/mm
Volume Resistivity
ASTM D2671
≥1x1014 Ωcm
Copper Stability
UL224
Pass
Copper Corrosion
UL224
No Corrosion


Similar Part No. - HSKIT2

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
HSKIT HUBBELL-HSKIT Datasheet
294Kb / 1P
Heat shrink connectors and installation tool kit contains Butt splice, Ring terminal, Fork Terminal, Male & Female Quick Disc., Male & Female Bullet, Step Down Butt Splice, Ratchet Crimp Tool and Metal Case with Dividers
logo
Bel Fuse Inc.
HSKIT-400-XBS BEL-HSKIT-400-XBS Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
HSKIT-400-XBS BEL-HSKIT-400-XBS Datasheet
851Kb / 9P
400 W rated power (440 W peak up to 10 s)
logo
Pro-Power
HSKIT4 PROPOWER-HSKIT4 Datasheet
206Kb / 2P
4:1 Dual Wall Heat Shrink Tubing Kit Black
V1.0 18/11/19
HSKIT4:1DUALWALL PROPOWER-HSKIT4:1DUALWALL Datasheet
206Kb / 2P
4:1 Dual Wall Heat Shrink Tubing Kit Black
V1.0 18/11/19
More results

Similar Description - HSKIT2

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
List of Unclassifed Man...
PP2258 ETC2-PP2258 Datasheet
271Kb / 4P
Heat Shrink Tubing
PP2130 ETC2-PP2130 Datasheet
271Kb / 4P
Heat Shrink Tubing 2 1 Ratio
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com