Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-AT25SL Datasheet (PDF) - Renesas Technology Corp

DS-AT25SL Datasheet PDF - Renesas Technology Corp
Part # DS-AT25SL
Download  DS-AT25SL Download
File Size   3936.93 Kbytes
Page   90 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 128-Mbit, 1.65 V – 1.95 V SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support

DS-AT25SL Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-AT25SL Datasheet PDF - Renesas Technology Corp

Part # DS-AT25SL
Download  DS-AT25SL Click to download

File Size   3936.93 Kbytes
Page   90 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 128-Mbit, 1.65 V – 1.95 V SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support

DS-AT25SL Datasheet (HTML) - Renesas Technology Corp


DS-AT25SL Product details

▪ Single 1.65 V - 1.95 V supply
▪ Serial Peripheral Interface (SPI) and Quad Peripheral Interface (QPI) compatible support
• Supports SPI Modes 0 and 3
• Supports SPI dual output operations (1-1-2)
• Supports Quad output operations (1-1-4)
• Supports Quad I/O / XiP operations (1-4-4, 0-4-4)
• Supports QPI I/O operations (4-4-4)
▪ Read Operations
• Fast Read up to 133 MHz with 30 pF load
• Clock-to-Output of 7 ns
• Up to 266 Mb/s continuous data transfer rate (Dual I/O)
• Up to 532 Mb/s continuous data transfer rate (Quad I/O and QPI)
• XiP (eXecute in Place) operation: continuous read with 8/16/32/64-byte wrap
▪ Full Chip Erase
▪ Flexible Erase Architecture and Time
• 22 ms Typical 4-kB Block Erase Time (Typical)
• 85 ms Typical 32-kB Block Erase Time (Typical)
• 160 ms Typical 64-kB Block Erase Time (Typical)
▪ Flexible Programming and Time
• Byte/Page Program (1 to 256 Bytes)
• Dual or Quad Input Byte/Page Program (1 to 256 Bytes)
▪ Erase/Program Suspend and Resume
▪ JEDEC Standard Manufacturer and Device ID
▪ Memory Protection Support




Similar Part No. - DS-AT25SL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DS-AT25SL/QL0641C-204 RENESAS-DS-AT25SL/QL0641C-204 Datasheet
3Mb / 90P
64-Mbit, 1.65 V – 1.95 V SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Jun 11, 2025
More results


Similar Description - DS-AT25SL

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25SL128A DIALOG-AT25SL128A Datasheet
5Mb / 75P
128-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL128A DIALOG-AT25QL128A Datasheet
5Mb / 84P
1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
AT25SL321 DIALOG-AT25SL321 Datasheet
5Mb / 82P
32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
logo
Renesas Technology Corp
AT25QF641 RENESAS-AT25QF641 Datasheet
6Mb / 72P
64-Mbit, 2.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
6/2022
AT25QL128A RENESAS-AT25QL128A Datasheet
4Mb / 85P
1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Nov 1, 2022
AT25QL321 RENESAS-AT25QL321 Datasheet
4Mb / 82P
32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Nov 1, 2022
AT25QL641 RENESAS-AT25QL641 Datasheet
3Mb / 80P
SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
Sep 14, 2022
AT25SL128A RENESAS-AT25SL128A Datasheet
4Mb / 84P
1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Sep 14, 2022
AT25SL321 RENESAS-AT25SL321 Datasheet
4Mb / 82P
32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Nov 1, 2022
AT25SL641 RENESAS-AT25SL641 Datasheet
3Mb / 83P
64-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
Sep 26, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com