Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSM1003 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSM1003 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSM1003
Download  FMSM1003 Download
File Size   319.37 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Manual SP4T Switch from DC to 18 GHz, SMA Female, and Rated to 30 Watts

FMSM1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSM1003 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSM1003
Download  FMSM1003 Click to download

File Size   319.37 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Manual SP4T Switch from DC to 18 GHz, SMA Female, and Rated to 30 Watts

FMSM1003 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSM1003 Product details

Features
• SP4T
• Manual Toggle Switch
• 60 dB min Isolation
• DC to 18 GHz
• Low VSWR 1.5:1 Max
• SMA Female Connectors
• Applications
• Test and Measurements
• Redundancy Systems
• Manual Switching between antenna bands (special ops vehicles)
• OEM Front Panel Control
• Description
• FMSM1003 is a manual single pole four throw (SP4T) RF coaxial Switch, with a manual toggle actuator configuration. This unit operates
Features
• SMA female connectors and a minimum Isolation of 60 dB.




Similar Part No. - FMSM1003

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSM1000 FAIRVIEW-FMSM1000 Datasheet
680Kb / 6P
Manual SPDT Toggle Switch from DC to 22 GHz, SMA Female, and Rated to 50 Watts
REV 1.0
FMSM1001 FAIRVIEW-FMSM1001 Datasheet
538Kb / 3P
Manual SPDT Toggle Switch from DC to 18 GHz, SMA Female, and Rated to 40 Watts
REV 1A
FMSM1002 FAIRVIEW-FMSM1002 Datasheet
304Kb / 3P
The Right Parts, Right Away Manual SPDT Toggle Switch from DC to 12.4 GHz, N-Type Female, and Rated to 100 Watts
REV A
FMSM1004 FAIRVIEW-FMSM1004 Datasheet
320Kb / 3P
Manual SPDT Toggle Switch from DC to 40 GHz, 2.92mm Female, and Rated to 20 Watts
REV A
More results


Similar Description - FMSM1003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7065-13 PASTERNACK-PE7065-13 Datasheet
220Kb / 3P
30 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 12.4 GHz To 18 GHz
PE7357-30 PASTERNACK-PE7357-30 Datasheet
328Kb / 3P
30 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7337-30 PASTERNACK-PE7337-30 Datasheet
351Kb / 3P
30 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7363-30 PASTERNACK-PE7363-30 Datasheet
328Kb / 3P
30 dB Fixed Attenuator, SMA Female To SMA Female Rated To 25 Watts Up To 18 GHz
PE2224-30 PASTERNACK-PE2224-30 Datasheet
214Kb / 3P
Dual Directional 30 dB SMA Coupler From 12.4 GHz to 18 GHz Rated To 50 Watts
PE2057 PASTERNACK-PE2057 Datasheet
184Kb / 3P
90 Degree SMA Hybrid From 12 GHz to 18 GHz Rated To 40 Watts
PE2243-10 PASTERNACK-PE2243-10 Datasheet
328Kb / 3P
Directional 10 dB SMA Coupler From 500 MHz to 18 GHz Rated To 30 Watts
PE2243-20 PASTERNACK-PE2243-20 Datasheet
328Kb / 3P
Directional 20 dB SMA Coupler From 500 MHz to 18 GHz Rated To 30 Watts
PE2243-30 PASTERNACK-PE2243-30 Datasheet
328Kb / 3P
Directional 30 dB SMA Coupler From 500 MHz to 18 GHz Rated To 30 Watts
PE2CP1022 PASTERNACK-PE2CP1022 Datasheet
571Kb / 6P
90 Degree SMA Hybrid Coupler From 7 GHz to 18 GHz Rated to 30 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com