Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSM1002 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSM1002 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSM1002
Download  FMSM1002 Download
File Size   304.33 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description The Right Parts, Right Away Manual SPDT Toggle Switch from DC to 12.4 GHz, N-Type Female, and Rated to 100 Watts

FMSM1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSM1002 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSM1002
Download  FMSM1002 Click to download

File Size   304.33 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description The Right Parts, Right Away Manual SPDT Toggle Switch from DC to 12.4 GHz, N-Type Female, and Rated to 100 Watts

FMSM1002 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSM1002 Product details

Features
• SP2T
• Manual Toggle Switch
• 55 dB min Isolation
• DC to 12.4 GHz
• Low VSWR 1.6:1 Max
• N-Type Female Connectors
• Applications
• Test and Measurements
• Redundancy Systems
• Manual Switching between antenna bands (special ops vehicles)
• OEM Front Panel Control
• Description
• FMSM1002 is a manual single pole double throw (SP2T) RF coaxial Switch, with a manual toggle actuator configuration. This unit operates
Features
• N-Type female connectors and a minimum Isolation of 55 dB.




Similar Part No. - FMSM1002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSM1000 FAIRVIEW-FMSM1000 Datasheet
680Kb / 6P
Manual SPDT Toggle Switch from DC to 22 GHz, SMA Female, and Rated to 50 Watts
REV 1.0
FMSM1001 FAIRVIEW-FMSM1001 Datasheet
538Kb / 3P
Manual SPDT Toggle Switch from DC to 18 GHz, SMA Female, and Rated to 40 Watts
REV 1A
FMSM1003 FAIRVIEW-FMSM1003 Datasheet
319Kb / 3P
Manual SP4T Switch from DC to 18 GHz, SMA Female, and Rated to 30 Watts
REV A
FMSM1004 FAIRVIEW-FMSM1004 Datasheet
320Kb / 3P
Manual SPDT Toggle Switch from DC to 40 GHz, 2.92mm Female, and Rated to 20 Watts
REV A
More results


Similar Description - FMSM1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6058 PASTERNACK-PE71S6058 Datasheet
386Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz, N,
PE71S6059 PASTERNACK-PE71S6059 Datasheet
386Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz, N
PE71S6152 PASTERNACK-PE71S6152 Datasheet
407Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6155 PASTERNACK-PE71S6155 Datasheet
404Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6156 PASTERNACK-PE71S6156 Datasheet
408Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6158 PASTERNACK-PE71S6158 Datasheet
397Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6163 PASTERNACK-PE71S6163 Datasheet
405Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6164 PASTERNACK-PE71S6164 Datasheet
409Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz, N
PE2059 PASTERNACK-PE2059 Datasheet
215Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 12.4 GHz Rated To 100 Watts
PE2055 PASTERNACK-PE2055 Datasheet
215Kb / 3P
90 Degree SMA Hybrid From 6 GHz to 12.4 GHz Rated To 100 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com