Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW1113 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW1113 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW1113
Download  FMSW1113 Download
File Size   1149.7 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Absorptive SPDT Ultra-Wideband SPDT PIN Diode Switch Operating 100 MHz to 50 GHz, Up to 23 dBm, 50 nsec and 2.4mm

FMSW1113 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW1113 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW1113
Download  FMSW1113 Click to download

File Size   1149.7 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Absorptive SPDT Ultra-Wideband SPDT PIN Diode Switch Operating 100 MHz to 50 GHz, Up to 23 dBm, 50 nsec and 2.4mm

FMSW1113 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW1113 Product details

Features
• Ultra-Wideband SPDT
• PIN Diode Switch
• 100 MHz to 50 GHz
• 50 Ohm Absorptive Design
• Integrated TTL Driver
• Insertion Loss: 4.5 dB typ
• Isolation: 50 dB typ
• Switching Speed: 50 nsec typ
• Maximum RF input
• Power: +23 dBm
• Single Bias Voltage: +5Vdc
• Field Replaceable 2.4mm
• Female RF Connectors
• Operational Temperature
• Range -40°C to +85°C
• Rugged and Compact Aluminum
• Gold Plated Package Design
• Guaranteed Environmental
• Test Conditions Altitude,
• Vibration, Humidity, Shock
• Applications:
• Test & Measurement
• 5G Communication
• Military Electronic Systems
• Wireless Infrastructure
• Fiber Optics
• Research & Development
• FMSW1113
• DATA SHEET




Similar Part No. - FMSW1113

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW1110 FAIRVIEW-FMSW1110 Datasheet
979Kb / 7P
Reflective SPDT Ultra-Wideband PIN Diode Switch Operating from 1 MHz to 75 GHz Up to 15 dBm, 400 nsec and 1.85mm
REV 1.0A
FMSW1111 FAIRVIEW-FMSW1111 Datasheet
916Kb / 7P
Reflective SPDT Wideband PIN Diode Switch Operating from 52 GHz to 72 GHz Up to 20 dBm, 100 nsec max and 1.85mm
REV 1.0A
FMSW1112 FAIRVIEW-FMSW1112 Datasheet
826Kb / 7P
Reflective SPDT Ultra-Wideband PIN Diode Switch Operating 1 MHz to 60 GHz, Up to 15 dBm, 400 nsec and 1.85mm
REV 1.0A
FMSW1114 FAIRVIEW-FMSW1114 Datasheet
1Mb / 8P
Absorptive SP4T Ultra-Wideband PIN Diode Switch Operating 100 MHz to 50 GHz, Up to 23 dBm, 100 nsec max and 2.4mm
REV 1.0A
FMSW1115 FAIRVIEW-FMSW1115 Datasheet
842Kb / 8P
Absorptive SPDT Wideband PIN Diode Switch Operating 500 MHz to 43.5 GHz, Up to 23 dBm, 100 nsec max and 2.92mm
REV 1.0A
More results


Similar Description - FMSW1113

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S2007 PASTERNACK-PE71S2007 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 30 dBm
PE71S2017 PASTERNACK-PE71S2017 Datasheet
501Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE71S2009 PASTERNACK-PE71S2009 Datasheet
451Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2010 PASTERNACK-PE71S2010 Datasheet
445Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2013 PASTERNACK-PE71S2013 Datasheet
452Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PE71S2014 PASTERNACK-PE71S2014 Datasheet
442Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PE71S2021 PASTERNACK-PE71S2021 Datasheet
451Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PE71S2022 PASTERNACK-PE71S2022 Datasheet
441Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PE71S6208 PASTERNACK-PE71S6208 Datasheet
551Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 4 GHz Up To plus 30 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com