Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW1115 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW1115 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW1115
Download  FMSW1115 Download
File Size   842.85 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Absorptive SPDT Wideband PIN Diode Switch Operating 500 MHz to 43.5 GHz, Up to 23 dBm, 100 nsec max and 2.92mm

FMSW1115 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW1115 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW1115
Download  FMSW1115 Click to download

File Size   842.85 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Absorptive SPDT Wideband PIN Diode Switch Operating 500 MHz to 43.5 GHz, Up to 23 dBm, 100 nsec max and 2.92mm

FMSW1115 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW1115 Product details

Features
• Wideband SPDT PIN
• Diode Switch
• 500 MHz to 43.5 GHz
• 50 Ohm Absorptive Design
• Integrated TTL Driver
• Insertion Loss: 4 dB typ
• Isolation: 60 dB typ
• Switching Speed: < 100 nsec typ
• Maximum RF input
• Power: +23 dBm
• Dual Bias Voltage:
• +5Vdc / -5Vdc
• Field Replaceable 2.92mm
• Female RF Connectors
• Operational Temperature
• Range -40°C to +85°C
• Rugged and Compact Aluminum
• Gold Plated Package Design
• Guaranteed Environmental
• Test Conditions Altitude,
• Vibration, Humidity, Shock
• Applications:
• Test & Measurement
• 5G Communication
• Military Electronic Systems
• Wireless Infrastructure
• Fiber Optics
• Research & Development
• FMSW1115
• DATA SHEET




Similar Part No. - FMSW1115

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW1110 FAIRVIEW-FMSW1110 Datasheet
979Kb / 7P
Reflective SPDT Ultra-Wideband PIN Diode Switch Operating from 1 MHz to 75 GHz Up to 15 dBm, 400 nsec and 1.85mm
REV 1.0A
FMSW1111 FAIRVIEW-FMSW1111 Datasheet
916Kb / 7P
Reflective SPDT Wideband PIN Diode Switch Operating from 52 GHz to 72 GHz Up to 20 dBm, 100 nsec max and 1.85mm
REV 1.0A
FMSW1112 FAIRVIEW-FMSW1112 Datasheet
826Kb / 7P
Reflective SPDT Ultra-Wideband PIN Diode Switch Operating 1 MHz to 60 GHz, Up to 15 dBm, 400 nsec and 1.85mm
REV 1.0A
FMSW1113 FAIRVIEW-FMSW1113 Datasheet
1Mb / 8P
Absorptive SPDT Ultra-Wideband SPDT PIN Diode Switch Operating 100 MHz to 50 GHz, Up to 23 dBm, 50 nsec and 2.4mm
REV 1.0A
FMSW1114 FAIRVIEW-FMSW1114 Datasheet
1Mb / 8P
Absorptive SP4T Ultra-Wideband PIN Diode Switch Operating 100 MHz to 50 GHz, Up to 23 dBm, 100 nsec max and 2.4mm
REV 1.0A
More results


Similar Description - FMSW1115

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7169 PASTERNACK-PE7169 Datasheet
268Kb / 3P
50 Ohm 2.92mm SPST PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7170 PASTERNACK-PE7170 Datasheet
271Kb / 3P
50 Ohm 2.92mm SP2T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7171 PASTERNACK-PE7171 Datasheet
275Kb / 3P
50 Ohm 2.92mm SP3T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7172 PASTERNACK-PE7172 Datasheet
276Kb / 3P
50 Ohm 2.92mm SP4T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7173 PASTERNACK-PE7173 Datasheet
297Kb / 3P
50 Ohm 2.92mm SP8T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE71S2011 PASTERNACK-PE71S2011 Datasheet
502Kb / 6P
2.92mm SPST PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 30 dBm
PE71S2013 PASTERNACK-PE71S2013 Datasheet
452Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PE71S2014 PASTERNACK-PE71S2014 Datasheet
442Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PE71S2021 PASTERNACK-PE71S2021 Datasheet
451Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PE71S2022 PASTERNACK-PE71S2022 Datasheet
441Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com