Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW1118 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW1118 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW1118
Download  FMSW1118 Download
File Size   813.12 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Absorptive SP8T Broadband PIN Diode Switch Operating from 2 GHz to 18 GHz, Up to 30 dBm, 100 nsec max and SMA

FMSW1118 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW1118 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW1118
Download  FMSW1118 Click to download

File Size   813.12 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Absorptive SP8T Broadband PIN Diode Switch Operating from 2 GHz to 18 GHz, Up to 30 dBm, 100 nsec max and SMA

FMSW1118 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW1118 Product details

Features
• Broadband SP8T PIN
• Diode Switch
• 2 GHz to 18 GHz
• 50 Ohm Absorptive Design
• Integrated TTL Driver
• Insertion Loss: 2.5 dB typ
• Isolation: 85 dB typ
• Switching Speed: < 100 nsec typ
• Maximum RF input
• Power: +30 dBm
• Dual Bias Voltage:
• +5Vdc / -5Vdc
• Field Replaceable SMA
• Female RF Connectors
• Operational Temperature
• Range -40°C to +85°C
• Rugged and Compact Aluminum
• Gold Plated Package Design
• Guaranteed Environmental
• Test Conditions Altitude,
• Vibration, Humidity, Shock
• Applications:
• Test & Measurement
• 5G Communication
• Military Electronic Systems
• Wireless Infrastructure
• Fiber Optics
• Research & Development
• FMSW1118
• DATA SHEET




Similar Part No. - FMSW1118

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW1110 FAIRVIEW-FMSW1110 Datasheet
979Kb / 7P
Reflective SPDT Ultra-Wideband PIN Diode Switch Operating from 1 MHz to 75 GHz Up to 15 dBm, 400 nsec and 1.85mm
REV 1.0A
FMSW1111 FAIRVIEW-FMSW1111 Datasheet
916Kb / 7P
Reflective SPDT Wideband PIN Diode Switch Operating from 52 GHz to 72 GHz Up to 20 dBm, 100 nsec max and 1.85mm
REV 1.0A
FMSW1112 FAIRVIEW-FMSW1112 Datasheet
826Kb / 7P
Reflective SPDT Ultra-Wideband PIN Diode Switch Operating 1 MHz to 60 GHz, Up to 15 dBm, 400 nsec and 1.85mm
REV 1.0A
FMSW1113 FAIRVIEW-FMSW1113 Datasheet
1Mb / 8P
Absorptive SPDT Ultra-Wideband SPDT PIN Diode Switch Operating 100 MHz to 50 GHz, Up to 23 dBm, 50 nsec and 2.4mm
REV 1.0A
FMSW1114 FAIRVIEW-FMSW1114 Datasheet
1Mb / 8P
Absorptive SP4T Ultra-Wideband PIN Diode Switch Operating 100 MHz to 50 GHz, Up to 23 dBm, 100 nsec max and 2.4mm
REV 1.0A
More results


Similar Description - FMSW1118

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7168 PASTERNACK-PE7168 Datasheet
292Kb / 3P
50 Ohm SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE71S2007 PASTERNACK-PE71S2007 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 30 dBm
PE71S2015 PASTERNACK-PE71S2015 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2016 PASTERNACK-PE71S2016 Datasheet
487Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2017 PASTERNACK-PE71S2017 Datasheet
501Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE71S2019 PASTERNACK-PE71S2019 Datasheet
451Kb / 6P
2.92mm SPST PIN Diode Switch Operating From 2 GHz to 40 GHz Up To 30 dBm
PE71S2020 PASTERNACK-PE71S2020 Datasheet
432Kb / 6P
2.92mm SPST PIN Diode Switch Operating From 2 GHz to 40 GHz Up To 30 dBm
PE71S6208 PASTERNACK-PE71S6208 Datasheet
551Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 4 GHz Up To plus 30 dBm
PE71S6213 PASTERNACK-PE71S6213 Datasheet
370Kb / 4P
SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To plus 20 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com