Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW5007 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW5007 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW5007
Download  FMSW5007 Download
File Size   495.42 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description N-Type Reflective SPDT PIN Diode Switch From 20 MHz to 500 MHz Rated at 500 Watt Pulsed (57 dBm) with Heatsink

FMSW5007 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW5007 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW5007
Download  FMSW5007 Click to download

File Size   495.42 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description N-Type Reflective SPDT PIN Diode Switch From 20 MHz to 500 MHz Rated at 500 Watt Pulsed (57 dBm) with Heatsink

FMSW5007 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW5007 Product details

Features
• Reflective SPDT High Power PIN Diode Switch
• Reflective Design
• Frequency Range: 20 MHz to 500 MHz
• Insertion Loss: 0.8 dB max
• Isolation: 35 dB typ
• VSWR: 1.8:1 typ
• Maximum RF Input Power: 100 Watt
• Input IP3: +45 dBm typ
• Switching Speed: 38 usec
• TTL Compatible Driver Circuitry
• 50 Ohm Design
• N-Type Female Connectors
• Compact Package Design withstands up to 95% Relative
• Humidity
• -40°C to +85°C Operating Temperature
• Applications
• Aerospace & Defense
• Microwave Radio
• Military & Commercial Communication
• VSAT
• SATCOM
• Test & Measurement
• Wireless Infrastructure
• Fiber Optics
• Description
• The FMSW5007 is a single pole double throw (SPDT) PIN diode switch that operates across a wide frequency band from 20 MHz to 500 MHz.
• The 50 ohm reflective design supports TTL compatible driver circuitry for accurate logic control. Impressive typical performance includes 0.8
• dB insertion loss max, 35 dB isolation min, and 38 usec switching speed. The switch requires a bias voltage of +5Vdc, and has maximum
• input power handling of up to 100 W. The rugged and compact package supports field replaceable N-Type female RF connectors and solder
• terminal pins for DC bias voltage and TTL control. The swtich is designed for high reliability with a wide operational temperature range of -40°C
• to +85°C, and meets a series of environmental test conditions including Altitude, Vibration, Humidity, and Shock.




Similar Part No. - FMSW5007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW5008 FAIRVIEW-FMSW5008 Datasheet
647Kb / 9P
SMA Reflective SP4T PIN Diode Switch From 100 MHz to 520 MHz Rated at 100 Watt (50 dBm) with Heatsink
REV A
FMSW5009 FAIRVIEW-FMSW5009 Datasheet
788Kb / 9P
SMA Reflective SPDT PIN Diode Switch From 50 MHz to 700 MHz Rated at 100 Watt (50 dBm) with Heatsink
REV A
More results


Similar Description - FMSW5007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7164 PASTERNACK-PE7164 Datasheet
276Kb / 3P
50 Ohm SMA SPST PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7165 PASTERNACK-PE7165 Datasheet
270Kb / 3P
50 Ohm SMA SP2T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7166 PASTERNACK-PE7166 Datasheet
279Kb / 3P
50 Ohm SMA SP3T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7167 PASTERNACK-PE7167 Datasheet
304Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7168 PASTERNACK-PE7168 Datasheet
292Kb / 3P
50 Ohm SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7170 PASTERNACK-PE7170 Datasheet
271Kb / 3P
50 Ohm 2.92mm SP2T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7171 PASTERNACK-PE7171 Datasheet
275Kb / 3P
50 Ohm 2.92mm SP3T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7172 PASTERNACK-PE7172 Datasheet
276Kb / 3P
50 Ohm 2.92mm SP4T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE2CP1002 PASTERNACK-PE2CP1002 Datasheet
350Kb / 3P
Dual Directional 50 dB N Coupler From 20 MHz to 500 MHz Rated To 500 Watts
PE71S6213 PASTERNACK-PE71S6213 Datasheet
370Kb / 4P
SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To plus 20 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com