Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW5008 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW5008 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW5008
Download  FMSW5008 Download
File Size   647.54 Kbytes
Page   9 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Reflective SP4T PIN Diode Switch From 100 MHz to 520 MHz Rated at 100 Watt (50 dBm) with Heatsink

FMSW5008 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW5008 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW5008
Download  FMSW5008 Click to download

File Size   647.54 Kbytes
Page   9 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Reflective SP4T PIN Diode Switch From 100 MHz to 520 MHz Rated at 100 Watt (50 dBm) with Heatsink

FMSW5008 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW5008 Product details

Features
• Reflective SP4T High Power PIN Diode Switch
• Reflective Design
• Frequency Range: 100 MHz to 520 MHz
• Insertion Loss: 0.8 dB max
• Isolation: 65 dB typ
• VSWR: 1.5:1 typ
• Maximum RF Input Power: 100 Watt
• Input IP3: +50 dBm typ
• Switching Speed: 1.2 usec
• TTL Compatible Driver Circuitry
• 50 Ohm Design
• SMA Female Connectors
• Compact Package Design withstands up to 95% Relative
• Humidity
• -40°C to +60°C Operating Temperature
• Applications
• Aerospace & Defense
• Microwave Radio
• Military & Commercial Communication
• VSAT
• SATCOM
• Test & Measurement
• Wireless Infrastructure
• Fiber Optics
• Description
• The FMSW5008 is a single pole four throw (SP4T) PIN diode switch that operates across a wide frequency band from 100 MHz to 520 MHz.
• The 50 ohm reflective design supports TTL compatible driver circuitry for accurate logic control. Impressive typical performance includes 0.8
• dB insertion loss max, 50 dB isolation min, and 1.2 usec switching speed. The switch requires a dual bias voltage of +5Vdc/-28V, and has
• maximum input power handling of up to 100 W. The rugged and compact package supports field replaceable SMA female RF connectors and
• solder terminal pins for DC bias voltage and TTL control. The switch is designed for high reliability with a wide operational temperature range
• of -40°C to +60°C, and meets a series of environmental test conditions including Altitude, Vibration, Humidity, and Shock.




Similar Part No. - FMSW5008

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW5007 FAIRVIEW-FMSW5007 Datasheet
495Kb / 4P
N-Type Reflective SPDT PIN Diode Switch From 20 MHz to 500 MHz Rated at 500 Watt Pulsed (57 dBm) with Heatsink
REV B
FMSW5009 FAIRVIEW-FMSW5009 Datasheet
788Kb / 9P
SMA Reflective SPDT PIN Diode Switch From 50 MHz to 700 MHz Rated at 100 Watt (50 dBm) with Heatsink
REV A
More results


Similar Description - FMSW5008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7167 PASTERNACK-PE7167 Datasheet
304Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7172 PASTERNACK-PE7172 Datasheet
276Kb / 3P
50 Ohm 2.92mm SP4T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE71S2007 PASTERNACK-PE71S2007 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 30 dBm
PE71S2008 PASTERNACK-PE71S2008 Datasheet
486Kb / 6P
SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S6230 PASTERNACK-PE71S6230 Datasheet
425Kb / 5P
SMA SPST PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To 20 dBm
PE71S2009 PASTERNACK-PE71S2009 Datasheet
451Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2010 PASTERNACK-PE71S2010 Datasheet
445Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE2CP1001 PASTERNACK-PE2CP1001 Datasheet
349Kb / 3P
Dual Directional 50 dB SMA Coupler From 20 MHz to 520 MHz Rated To 200 Watts
PE2BL1004 PASTERNACK-PE2BL1004 Datasheet
615Kb / 5P
50 Ohm to 25 Ohm Balun From 100 MHz to 520 MHz Up to 100 Watts Surface Mount(SMT)
logo
Analog Devices
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com