Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6427 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6427 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6427
Download  FMSW6427 Download
File Size   918.52 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP6T Latching Self Cut-Off Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, Up To 90W, 12V, 5M Lifecycles, Diodes, Pos. Com, SMA

FMSW6427 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6427 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6427
Download  FMSW6427 Click to download

File Size   918.52 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP6T Latching Self Cut-Off Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, Up To 90W, 12V, 5M Lifecycles, Diodes, Pos. Com, SMA

FMSW6427 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6427 Product details

Features
• Actuator that magnetically latches in place after the control voltage is removed.
• For power sensitive applications, this is the best actuator option. Additional
Features
• and +COM reverse polarity. This switch requires 12Vdc bias voltage and operates
• over a temperature range of -25°C to +65°C. Impressive typical performance
• includes 0.4 dB insertion loss and isolation greater than 80 dB. The rugged and
• compact package assembly supports SMA female connectors and a 15 pin D-SUB
• connector for all command control functions. And for highly reliable operation,
• the model is guaranteed to meet MIL-STD-202 environmental test conditions for
• shock and random vibration.
Features
• Single Pole Double Throw
• Electromechanical Relay Switch
• DC to 12 GHz Frequency Range
• Latching Self Cut-Off Actuator
• Suppression Diodes
• +COM Reverse Polarity
• 5M Lifecycle Rating
• Insertion Loss 0.4 dB typ
• Isolation > 80 dB typ
• VSWR 1.4:1 typ
• SMA Female Connectors
• 12 Volt DC Bias
• 15 PIN D-SUB Connector
• for DC Control
• -25°C to +65°C Operating
• Temperature
• Up to 90 Watt Average
• Power Handling
• 50 Ohm Design
• Hot Switching Capability
• - Consult Factory
• S-Parameter Data
• available upon request
• Rugged Design meets Mil-
• STD-202 Test Conditions
• Applications:
• Aerospace & Defense
• Test & Measurement
• Microwave Radio Systems
• Military & Commercial
• Communication Systems
• Research & Development
• SATCOM
• Wireless Communications
• Enterprise
• IoT




Similar Part No. - FMSW6427

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6420 FAIRVIEW-FMSW6420 Datasheet
665Kb / 4P
SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , 90W, 12V, SMA
REV 1.0A
FMSW6421 FAIRVIEW-FMSW6421 Datasheet
661Kb / 4P
SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , Up To 90W, 28V, 2M Lifecycles, SMA
REV 1.0A
FMSW6422 FAIRVIEW-FMSW6422 Datasheet
661Kb / 4P
SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 28V, 2M Lifecycles, Suppression Diodes, Indicators, SMA
REV 1.0A
FMSW6423 FAIRVIEW-FMSW6423 Datasheet
809Kb / 6P
FMSW6423 DATA SHEET SP4T Normally Open Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 12V, 2M Lifecylces, Suppression Diodes, Indicators, SMA
REV 1.0A
FMSW6424 FAIRVIEW-FMSW6424 Datasheet
807Kb / 6P
SP4T Normally Open Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 28V, 2M Lifecycles, Suppression Diodes, Indicators, SMA
REV 1.0A
More results


Similar Description - FMSW6427

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7143 PASTERNACK-PE7143 Datasheet
283Kb / 1P
SMA SPDT RELAY SWITCH INDICATORS LATCHING & SELF CUT OFF
PE7151 PASTERNACK-PE7151 Datasheet
306Kb / 1P
SMA TRANSFER RELAY SWITCH, INDICATORS, LATCHING & SELF CUT OFF
PE71S6314 PASTERNACK-PE71S6314 Datasheet
485Kb / 6P
SP6T Electromechanical Relay Latching Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
PE71S6316 PASTERNACK-PE71S6316 Datasheet
504Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
PE71S6305 PASTERNACK-PE71S6305 Datasheet
467Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Self Cut Off
PE71S6307 PASTERNACK-PE71S6307 Datasheet
495Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL, Self Cut Off
PE71S6308 PASTERNACK-PE71S6308 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL, Self Cut Off
PE71S6311 PASTERNACK-PE71S6311 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6313 PASTERNACK-PE71S6313 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz,SMA, 20 Watts, 12V Control with Self Cut Off
PE71S6148 PASTERNACK-PE71S6148 Datasheet
458Kb / 6P
SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 12V Control with Latching, Indicators, TTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com