Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6403 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6403 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6403
Download  FMSW6403 Download
File Size   822.94 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Transfer Failsafe DC to 12 GHz Electro- Mechanical Relay Switch, up to 600W, 28V, N

FMSW6403 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6403 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6403
Download  FMSW6403 Click to download

File Size   822.94 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Transfer Failsafe DC to 12 GHz Electro- Mechanical Relay Switch, up to 600W, 28V, N

FMSW6403 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6403 Product details

Features
• actuator and is rated for 2M life cycles for high reliability operation. Insertion loss
• is specified as low as 0.2 dB maximum and Isolation up to 80 dB minimum. The
• Failsafe actuator has a +28 Vdc bias voltage, and operates over a temperature
• range of -25°C to +70°C. The rugged and compact package assembly supports N
• Female connectors and Solder Pins for DC control. And for highly reliable operation,
• the model is guranteed to meet MIL-STD-202 environmental test conditions for
• shock and random vibration.
Features
• Tranfer (DPDT)
• DC to 12 GHz Frequency Range
• 2M Cycle Min Operating Life
• +28 Volt DC
• 600 Watt Power
• Failsafe Actuator
• -25 to +70°C Operating
• Temperature
• Insertion Loss as low
• as 0.2 dB Max
• VSWR from 1.2:1 Max
• N Female RF connectors
• Solder Pin DC control
• Applications:
• High Performance Relay Switch
• Military Communications
• Communications Systems
• Test & Measurement




Similar Part No. - FMSW6403

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6402 FAIRVIEW-FMSW6402 Datasheet
751Kb / 5P
FMSW6402 DATA SHEET Transfer Latching DC to 18 GHz Electro-Mechanical Relay Switch, Indicators, up to 90W, 28V, SMA
REV 1.0
FMSW6404 FAIRVIEW-FMSW6404 Datasheet
834Kb / 7P
SPDT Failsafe DC to 18 GHz Terminated Electro- Mechanical Relay Switch, up to 90W, 28V, SMA
REV 1.3
FMSW6405 FAIRVIEW-FMSW6405 Datasheet
899Kb / 7P
FMSW6405 DATA SHEET DP3T Latching DC to 18 GHz Electro-Mechanical Relay Switch, Indicators, up to 90W, 28V, SMA
REV 1.2
FMSW6406 FAIRVIEW-FMSW6406 Datasheet
779Kb / 5P
FMSW6406 DATA SHEET SPDT Latching DC to 18 GHz Terminated Electro-Mechanical Relay Switch, Indicators, up to 90W, 24V, SMA
REV 1.0
FMSW6407 FAIRVIEW-FMSW6407 Datasheet
778Kb / 5P
SPDT Latching DC to 18 GHz Terminated Electro-Mechanical Relay Switch, Indicators, TTL, up to 90W, 28V, SMA
REV 1.0
More results


Similar Description - FMSW6403

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6118 PASTERNACK-PE71S6118 Datasheet
447Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6120 PASTERNACK-PE71S6120 Datasheet
457Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6122 PASTERNACK-PE71S6122 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6123 PASTERNACK-PE71S6123 Datasheet
454Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6124 PASTERNACK-PE71S6124 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6125 PASTERNACK-PE71S6125 Datasheet
452Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6166 PASTERNACK-PE71S6166 Datasheet
441Kb / 6P
Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6167 PASTERNACK-PE71S6167 Datasheet
445Kb / 6P
Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6168 PASTERNACK-PE71S6168 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6121 PASTERNACK-PE71S6121 Datasheet
457Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz,2.92mm, 10 Watts, 28V Control with Indicators, Failsafe, TTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com