Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6402 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6402 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6402
Download  FMSW6402 Download
File Size   751.66 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMSW6402 DATA SHEET Transfer Latching DC to 18 GHz Electro-Mechanical Relay Switch, Indicators, up to 90W, 28V, SMA

FMSW6402 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6402 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6402
Download  FMSW6402 Click to download

File Size   751.66 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMSW6402 DATA SHEET Transfer Latching DC to 18 GHz Electro-Mechanical Relay Switch, Indicators, up to 90W, 28V, SMA

FMSW6402 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6402 Product details

Features
• actuator with 1W Indicators, and is rated for 5M life cycles for high reliability
• operation. Insertion loss is specified as low as 0.2 dB maximum and Isolation up
• to 70 dB minimum. Operating voltage is +28 V and performance is guaranteed
• over -25°C to +70°C. The rugged and compact package assembly supports SMA
• Female connectors and Solder Pins for DC Control. The model is guaranteed to
• meet MIL-STD-202 environmental test conditions for shock and random vibration.
Features
• Tranfer (DPDT)
• DC to 18 GHz Frequency Range
• Isolation greater than
• 70 dB typical
• 5M Cycle Min Operating Life
• +28 Volt DC
• 90 Watt average Power
• Latching Actuator
• 1 Watt Indicators
• -25 to +70°C Operating
• Temperature
• Insertion Loss as low
• as 0.2 dB Max
• VSWR as low as 1.2:1 max
• SMA Female RF connectors
• Solder Pins for DC Control
• Hot Switching Capability
• - Consult Factory
• S-Parameter Data
• available upon request
• Applications:
• High Performance Relay Switch
• Military Communications
• Communications Systems
• Test & Measurement




Similar Part No. - FMSW6402

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6403 FAIRVIEW-FMSW6403 Datasheet
822Kb / 7P
Transfer Failsafe DC to 12 GHz Electro- Mechanical Relay Switch, up to 600W, 28V, N
REV 1.2
FMSW6404 FAIRVIEW-FMSW6404 Datasheet
834Kb / 7P
SPDT Failsafe DC to 18 GHz Terminated Electro- Mechanical Relay Switch, up to 90W, 28V, SMA
REV 1.3
FMSW6405 FAIRVIEW-FMSW6405 Datasheet
899Kb / 7P
FMSW6405 DATA SHEET DP3T Latching DC to 18 GHz Electro-Mechanical Relay Switch, Indicators, up to 90W, 28V, SMA
REV 1.2
FMSW6406 FAIRVIEW-FMSW6406 Datasheet
779Kb / 5P
FMSW6406 DATA SHEET SPDT Latching DC to 18 GHz Terminated Electro-Mechanical Relay Switch, Indicators, up to 90W, 24V, SMA
REV 1.0
FMSW6407 FAIRVIEW-FMSW6407 Datasheet
778Kb / 5P
SPDT Latching DC to 18 GHz Terminated Electro-Mechanical Relay Switch, Indicators, TTL, up to 90W, 28V, SMA
REV 1.0
More results


Similar Description - FMSW6402

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7145 PASTERNACK-PE7145 Datasheet
274Kb / 1P
SMA SPDT RELAY SWITCH INDICATORS & PULSE LATCHING
PE7146 PASTERNACK-PE7146 Datasheet
273Kb / 1P
SMA SPDT RELAY SWITCH, INDICATORS & PULSE LATCHING
PE7151 PASTERNACK-PE7151 Datasheet
306Kb / 1P
SMA TRANSFER RELAY SWITCH, INDICATORS, LATCHING & SELF CUT OFF
PE7152 PASTERNACK-PE7152 Datasheet
304Kb / 1P
SMA TRANSFER RELAY SWITCH, INDICATORS & PULSE LATCHING
PE71S6124 PASTERNACK-PE71S6124 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6054 PASTERNACK-PE71S6054 Datasheet
393Kb / 4P
SPDT Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator with Indicators, Latching, Normally Open
PE71S6062 PASTERNACK-PE71S6062 Datasheet
397Kb / 4P
Transfer Terminated Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator, Latching, Normally Open
PE71S6304 PASTERNACK-PE71S6304 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6121 PASTERNACK-PE71S6121 Datasheet
457Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz,2.92mm, 10 Watts, 28V Control with Indicators, Failsafe, TTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com