Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6402 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMSW6402
Description  FMSW6402 DATA SHEET Transfer Latching DC to 18 GHz Electro-Mechanical Relay Switch, Indicators, up to 90W, 28V, SMA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW6402 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMSW6402 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW6402 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW6402 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW6402 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW6402 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 4 of 5
*STANDARD TOLERANCES APPLY
ONLY TO DIMENSIONS IN INCHES
STANDARD TOLERANCES
.X
±0.2
.XX ±0.01
.XXX ±0.005
1.260
32.00
SQ.
.060
1.52
.640
16.26
SQ.
.950
24.13
.310
7.87
4X SMA
FEMALE
1.780
45.21
3X .149 3.78
THRU
1.090
27.69
.250
6.35
.795
20.19
.310
7.87
MAX
2.160
54.86
.500
12.70
TYP
2.000
50.80
.310
7.87
MAX
6X SOLDER TERMINALS
SOLDER WIRE USING SN96,
MAXIMUM TEMP 250 C FOR
NO MORE THAN 5 SEC.
SHEET
3FKR5
CAGE CODE
DWG NO
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
FAIRVIEW MICROWAVE INC.
SIZE A
SCALE N/A
CAD FILE
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
3. DIMENSIONS ARE IN INCHES [mm].
TITLE
FMSW6402
090817
7361
1 OF 2
FMSW6402
DATA SHEET
Transfer Latching DC to 18 GHz Electro-Mechanical
Relay Switch, Indicators, up to 90W, 28V, SMA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com